Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6433UK-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6433UK-T
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6433UK-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6433UK-T Datasheet HTML 1Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 2Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 3Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 4Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 5Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 6Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 7Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 8Page - Maxim Integrated Products MAX6433UK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
4
_______________________________________________________________________________________
Note 1: Production testing done at TA = +25°C, limits over temperature guaranteed by design only.
Note 2: Percentage of selected factory-fixed HTH- or LTH- threshold voltage.
Note 3: Percentage of 1.05 (selected factory-fixed threshold voltage).
Note 4: Percentage of 615mV voltage reference.
Note 5: Percentage of 585mV voltage reference.
Note 6: Guaranteed by design.
Note 7: VSUPPLY is BATT or VDD.
ELECTRICAL CHARACTERISTICS (continued)
(BATT = 1.0V to 5.5V or VDD = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOW-BATTERY OUTPUTS (LBO, LBO, LBOH, LBOH, LBOL, LBOL )
Timeout Period
tLBOP
BATT or VDD/HTHIN/LTHIN rising above
threshold
140
210
280
ms
Delay
tLBOD
BATT or VDD/HTHIN/LTHIN falling below
threshold
100
µs
BATT or VDD
≥ 1.6V, ISINK = 100µA,
asserted low
0.3
BATT or VDD
≥ 2.7V, ISINK = 1.2mA,
asserted low
0.3
LBO/LBOL/LBOH Output LOW
(Push-Pull or Open-Drain)
VOL
BATT or VDD
≥ 4.5V, ISINK = 3.2mA,
asserted low
0.4
V
BATT or VDD
≥ 1.6V, ISOURCE = 200µA,
deasserted
0.8
× VSUPPLY
BATT or VDD
≥ 2.7V, ISOURCE = 500µA,
deasserted
0.8
× VSUPPLY
LBO Output HIGH (Push-Pull
Only) (Note 7)
VOH
BATT or VDD
≥ 4.5V, ISOURCE = 800µA,
deasserted
0.8
× VSUPPLY
V
LBO Output Leakage Current
(Open-Drain Only)
ILKG
LBO deasserted
500
nA
BATT or VDD
≥ 1.6V, ISINK = 100µA,
deasserted low
0.3
BATT or VDD
≥ 2.7V, ISINK = 1.2mA,
deasserted low
0.3
LBO/LBOL/LBOH Output
LOW (Open-Drain Only)
VOL
BATT or VDD
≥ 4.5V, ISINK = 3.2mA,
deasserted low
0.4
V
LBO Output Leakage Current
(Open-Drain Only)
ILKG
LBO asserted
500
nA


Similar Part No. - MAX6433UK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6433 MAXIM-MAX6433 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
More results

Similar Description - MAX6433UK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
   Battery Pack Monitors
Rev. SpA
logo
Linear Technology
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
   Multicell Battery Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com