Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6766 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6766
Description  Automotive Micropower Linear Regulators with Supervisor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6766 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6766 Datasheet HTML 1Page - Maxim Integrated Products MAX6766 Datasheet HTML 2Page - Maxim Integrated Products MAX6766 Datasheet HTML 3Page - Maxim Integrated Products MAX6766 Datasheet HTML 4Page - Maxim Integrated Products MAX6766 Datasheet HTML 5Page - Maxim Integrated Products MAX6766 Datasheet HTML 6Page - Maxim Integrated Products MAX6766 Datasheet HTML 7Page - Maxim Integrated Products MAX6766 Datasheet HTML 8Page - Maxim Integrated Products MAX6766 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Automotive Micropower Linear Regulators
with Supervisor
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 0.1µF, COUT = 10µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SET Input Current
(MAX6767–MAX6774)
ISET
VSET = 1.5V, VIN = 11V
-100
+100
nA
L/M, 5V output option, ILOAD = 10mA
60
130
L/M, 5V output option, ILOAD = 50mA
300
630
L/M, 5V output option, ILOAD = 100mA
620
1200
Dropout Voltage (Note 3)
∆VDO
T/S, 3.3V output option, ILOAD = 100mA
866
1600
mV
Guaranteed Output Current
(Note 4)
100
mA
Output Current Limit
Output shorted to GND, VIN = 14V
150
250
mA
Thermal-Shutdown Temperature
160
°C
Thermal-Shutdown Hysteresis
20
°C
Line Regulation
6.5V
≤ VIN ≤ 72V, ILOAD = 1mA
1
%
Load Regulation
(MAX6767–MAX6774)
IOUT = 1mA to 100mA,
VIN = VOUT(NOM) + 6V
1.5
%
Power-Supply Rejection Ratio
PSRR
ILOAD = 10mA, fIN = 100Hz, 500mVP-P
70
dB
Startup Response Time
tSTART
From ENABLE high to OUT,
ILOAD = 100mA
180
µs
Output Overvoltage Protection
Threshold
OVTH
ISINK = 1mA (from OUT)
1.07 x
VOUT
1.1 x
VOUT
1.13 x
VOUT
V
Output Overvoltage Protection
Maximum Sink Current
OUT = OUT(NOM) x 1.15
5
10
mA
LOGIC INPUT (ENABLE, ENABLE1, ENABLE2,
HOLD)
Input Low Voltage
VIL
ENABLE, ENABLE1, ENABLE2
0.4
V
Input High Voltage
VIH
ENABLE, ENABLE1, ENABLE2
1.4
V
ENABLE, ENABLE1, ENABLE2
Input Pulldown Current
ENABLE, ENABLE1, ENABLE2 are
internally pulled down to GND
0.6
µA
VIL
1.8V
≤ VOUT ≤ 11V
0.4
HOLD Input Threshold Voltage
VIH
1.8V
≤ VOUT ≤ 11V
OUT -
0.4
V
HOLD Input Pullup Current
HOLD is internally pulled up to OUT
1.8
µA
RESET OUTPUT
L
4.500
4.625
4.750
M
4.250
4.375
4.500
T
2.970
3.053
3.135
S
2.805
2.888
2.970
Z
2.250
2.313
2.375
Y
2.125
2.188
2.250
W
1.620
1.665
1.710
RESET Threshold
SET = GND,
RESET falling
V
1.530
1.575
1.620
V


Similar Part No. - MAX6766

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6766 MAXIM-MAX6766 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6766 MAXIM-MAX6766 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6766 MAXIM-MAX6766 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6766TTLD2+T MAXIM-MAX6766TTLD2+T Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6766TTLD2T MAXIM-MAX6766TTLD2T Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
More results

Similar Description - MAX6766

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com