Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5023 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5023
Description  65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5023 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5023_05 Datasheet HTML 5Page - Maxim Integrated Products MAX5023_05 Datasheet HTML 6Page - Maxim Integrated Products MAX5023_05 Datasheet HTML 7Page - Maxim Integrated Products MAX5023_05 Datasheet HTML 8Page - Maxim Integrated Products MAX5023_05 Datasheet HTML 9Page - Maxim Integrated Products MAX5023_05 Datasheet HTML 10Page - Maxim Integrated Products MAX5023_05 Datasheet HTML 11Page - Maxim Integrated Products MAX5023_05 Datasheet HTML 12Page - Maxim Integrated Products MAX5023_05 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Select preset voltage mode by connecting SET to
ground. In adjustable mode, select an output between
+2.5V and +11V using two external resistors connected
as a voltage-divider to SET (Figure 4). Set the output
voltage using the following equation:
VOUT = VSET (1 + R1 / R2)
where VSET = 1.248V and R2
≅ 100kΩ.
Available Output Current Calculation
The MAX5023/MAX5024 high-voltage regulator pro-
vides up to 150mA of output current. The input voltage
extends to +65V. Package power dissipation limits the
amount of output current available for a given input/
output voltage and ambient temperature. Figure 5
depicts the maximum power dissipation curve for these
devices. The graph assumes that the exposed metal
pad of the MAX5023/MAX5024 package is soldered to
1in2 of PC board copper.
Use Figure 5 to determine the allowable package dissi-
pation for a given ambient temperature. Alternately, use
the following formula to calculate the allowable pack-
age dissipation:
After determining the allowable package dissipation,
calculate the maximum output current using the follow-
ing formula:
The above equations do not include the negligible
power dissipation from self-heating due to the IC
ground current.
I
P
V
mA
OUT MAX
D
IN
() ≅≤
-VOUT
150
P
W for T
C
C for
C
C
D
A
=
≤+ °
°
() +° < ≤ + °


1 538
70
1 538
70
70
125
.
.
- 0.01923 T -
T
AA
65V, Low-Quiescent-Current, High-Voltage Linear
Regulators with µP Reset and Watchdog Timer
10
______________________________________________________________________________________
IN
EN
GND
HOLD
VOUT = VSET (1 + R1 / R2)
VSET = 1.248V
R2 = 1k
Ω TO 500kΩ
SET
OUT
RESET
TO
µP
15
µF
R1
+6.5V TO +65V
+2.5V TO +11V
ON
OFF
R2
MAX5024
10
µF
Figure 4. Setting the MAX5024 Adjustable Output Voltage
10 20
30 40 50
60 70
80 90 100 110 120 130 140 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TA (
°C)
DERATE
19.23mW/
°C
1.538W
Figure 5. Maximum Power Dissipation vs. Temperature
Table 1. Truth Table for Regulator Output
State
X = Don’t care.
ORDER
EN
HOLD OUT
COMMENTS
1
Low
X
Off
Initial state. EN has 5M
internal resistor to ground.
HOLD has internal current
source to OUT.
2
High
X
On
Regulator output is active
when EN is pulled high.
3
High
Low
On
Hold is asserted forcing the
regulator output on even if
EN goes low.
4X
Low
On
Self-holding state. Regulator
output stays on regardless of
the state of EN.
5
Low
High
Off
Regulator output is
shutdown by releasing
HOLD while EN remains low.


Similar Part No. - MAX5023_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5023-MAX5024 MAXIM-MAX5023-MAX5024 Datasheet
371Kb / 13P
   65V, Low-Quiescent-Current, High-Voltage Linear Regulators with 關P Reset and Watchdog Timer
Rev 0; 10/02
MAX5023_ASA MAXIM-MAX5023_ASA Datasheet
371Kb / 13P
   65V, Low-Quiescent-Current, High-Voltage Linear Regulators with 關P Reset and Watchdog Timer
Rev 0; 10/02
More results

Similar Description - MAX5023_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5023 MAXIM-MAX5023 Datasheet
371Kb / 13P
   65V, Low-Quiescent-Current, High-Voltage Linear Regulators with 關P Reset and Watchdog Timer
Rev 0; 10/02
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
logo
Rohm
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com