Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8215CPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8215CPD
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215CPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8215CPD Datasheet HTML 1Page - Maxim Integrated Products MAX8215CPD Datasheet HTML 2Page - Maxim Integrated Products MAX8215CPD Datasheet HTML 3Page - Maxim Integrated Products MAX8215CPD Datasheet HTML 4Page - Maxim Integrated Products MAX8215CPD Datasheet HTML 5Page - Maxim Integrated Products MAX8215CPD Datasheet HTML 6Page - Maxim Integrated Products MAX8215CPD Datasheet HTML 7Page - Maxim Integrated Products MAX8215CPD Datasheet HTML 8Page - Maxim Integrated Products MAX8215CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
_______________________________________________________________________________________
5
+5V RESPONSE WITH
±100mV INPUT EXCURSION AROUND TRIP LEVEL
+5V COMP
+5V PIN
OUT1
_____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
-5V RESPONSE WITH
±100mV INPUT EXCURSION AROUND TRIP LEVEL
-5V COMP
+5V PIN
OUT1
DOUT OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
R1 = 15k
Ω, R2 = 40k (see Figure 4)
SUPPLY
VOLTAGE
DOUT
OUTPUT
VOLTAGE
DIN COMPARATOR RESPONSE
WITH 30mV OVERDRIVE
COMP
OUTPUT
COMP
INPUT
DIN COMPARATOR RESPONSE
WITH 50mV OVERDRIVE
COMP
OUTPUT
COMP
INPUT
DIN COMPARATOR RESPONSE
WITH 100mV OVERDRIVE
COMP
OUTPUT
COMP
INPUT


Similar Part No. - MAX8215CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215CPD MAXIM-MAX8215CPD Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
More results

Similar Description - MAX8215CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
List of Unclassifed Man...
WT7510 ETC2-WT7510 Datasheet
62Kb / 1P
   The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
   3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
   Microprocessor Reset Monitors
01-Nov-02
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
   Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com