Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8840ELT28+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8840ELT28+T
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8840ELT28+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8840ELT28+T Datasheet HTML 2Page - Maxim Integrated Products MAX8840ELT28+T Datasheet HTML 3Page - Maxim Integrated Products MAX8840ELT28+T Datasheet HTML 4Page - Maxim Integrated Products MAX8840ELT28+T Datasheet HTML 5Page - Maxim Integrated Products MAX8840ELT28+T Datasheet HTML 6Page - Maxim Integrated Products MAX8840ELT28+T Datasheet HTML 7Page - Maxim Integrated Products MAX8840ELT28+T Datasheet HTML 8Page - Maxim Integrated Products MAX8840ELT28+T Datasheet HTML 9Page - Maxim Integrated Products MAX8840ELT28+T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Ultra-Low-Noise, High PSRR, Low-Dropout,
150mA Linear Regulators in µDFN
_______________________________________________________________________________________
9
Revision History
Pages changed at Rev 1: 1
Chip Information
TRANSISTOR COUNT: 284
PROCESS: BiCMOS
MAX8841
OUTPUT PRESET
1.5V TO 4.5V
IN
INPUT
2V TO 6V
OFF
SHDN
COUT
1
µF
CIN
1
µF
OUT
ON
GND
Typical Operating
Circuits (continued)
Output Voltage Selector Guide
PART
VOUT (V)
TOPMARK
MAX8840ELT16+T
1.6
MN
MAX8840ELT18+T
1.8
MO
MAX8840ELT19+T
1.9
LX
MAX8840ELT25+T
2.5
MP
MAX8840ELT26+T
2.6
MK
MAX8840ELT27+T
2.7
LU
MAX8840ELT28+T
2.8
LV
MAX8840ELT29+T
2.85
LW
MAX8840ELT30+T
3
LZ
MAX8840ELT31+T
3.1
ML
MAX8840ELT33+T
3.3
MM
MAX8841ELT15+T
1.5
MQ
MAX8841ELT18+T
1.8
MR
MAX8841ELT25+T
2.5
MS
MAX8841ELT26+T
2.6
MT
MAX8841ELT28+T
2.8
MU
MAX8841ELT29+T
2.85
MV
MAX8841ELT89+T
2.9
MW
MAX8841ELT31+T
3.1
MX
MAX8841ELT33+T
3.3
MY
MAX8841ELT45+T
4.5
MZ
MAX8842ELT+T
Adjustable
NA
MAX8842
OUTPUT ADJUSTABLE
1.5V TO 4.5V
IN
INPUT
2V TO 6V
OFF
SHDN
R1
R2
COUT
1
µF
CIN
1
µF
OUT
ON
FB
GND
(Note: Standard output voltage options, shown in bold, are
available. Contact the factory for other output voltages between
1.5V and 4.5V. Minimum order quantity is 15,000 units.)


Similar Part No. - MAX8840ELT28+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840ELT28+T MAXIM-MAX8840ELT28+T Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
More results

Similar Description - MAX8840ELT28+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com