Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX814 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX814
Description  ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX814 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX814_05 Datasheet HTML 5Page - Maxim Integrated Products MAX814_05 Datasheet HTML 6Page - Maxim Integrated Products MAX814_05 Datasheet HTML 7Page - Maxim Integrated Products MAX814_05 Datasheet HTML 8Page - Maxim Integrated Products MAX814_05 Datasheet HTML 9Page - Maxim Integrated Products MAX814_05 Datasheet HTML 10Page - Maxim Integrated Products MAX814_05 Datasheet HTML 11Page - Maxim Integrated Products MAX814_05 Datasheet HTML 12Page - Maxim Integrated Products MAX814_05 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Reset Output
A µP’s reset input starts the µP in a known state.
Whenever the µP is in an unknown state, it should be
held in reset. The MAX814/MAX815/MAX816 assert reset
during power-up, power-down, or brownout conditions.
On power-up, once VCC reaches 1V, RESET is a guar-
anteed logic low of 0.4V or less. As VCC rises, RESET
stays low. As VCC rises above the reset threshold, an
internal timer releases RESET after 200ms. RESET also
pulses low whenever VCC dips below the reset thresh-
old (i.e., brownout condition). If brownout occurs in the
middle of a previously initiated reset, the internal timer
is reset and the output remains low for at least another
140ms after the brownout ends. On power-down, once
VCC falls below the reset threshold, RESET stays low
and is guaranteed to be less than 0.3V until VCC drops
below 1V.
The MAX814 and MAX816 also offer active-high RESET
outputs. They are the inverse of the RESET outputs.
±1% Accuracy, Low-Power, +3V and +5V
µP Supervisory Circuits
_______________________________________________________________________________________
9
MAX814
RESET
GENERATOR
RESET THRESHOLD
POWER- FAIL THRESHOLD
60mV
1
150
µA
8
7
6
5
MR
RESET
RESET
LOW LINE
PFO
VCC
PFI
2
4
GND
3
MAX815
TIMEBASE
RESET THRESHOLD
POWER-FAIL THRESHOLD
150
µA
6
8
7
5
MR
VCC
WDO
RESET
PFO
WDI
PFI
2
1
4
GND
3
RESET
GENERATOR
WATCHDOG
TIMER
WATCHDOG
TRANSITION
DETECTOR
MAX816
RESET
GENERATOR
1.70V
1.70V
1
2
150
µA
8
7
5
MR
VCC
RESET
RESET
PFO
RESET IN
PFI
6
4
GND
3
Figure 4. MAX814 Block Diagram
Figure 5. MAX815 Block Diagram
Figure 6. MAX816 Block Diagram


Similar Part No. - MAX814_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814C MAXIM-MAX814C Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX814CPA MAXIM-MAX814CPA Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX814CPA MAXIM-MAX814CPA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX814CSA MAXIM-MAX814CSA Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX814CSA MAXIM-MAX814CSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
More results

Similar Description - MAX814_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814KCSA MAXIM-MAX814KCSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX814 MAXIM-MAX814 Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX706P MAXIM-MAX706P_06 Datasheet
465Kb / 15P
   3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Analog Devices
ADM705 AD-ADM705 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
   Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com