Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6344_UT-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6344_UT-T
Description  6-Pin uP Reset Circuit with Power-Fail Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6344_UT-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6344_UT-T Datasheet HTML 1Page - Maxim Integrated Products MAX6344_UT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6344_UT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6344_UT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6344_UT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6344_UT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6344_UT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6344_UT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6-Pin µP Reset Circuit with
Power-Fail Comparator
4
_______________________________________________________________________________________
0
2
1
4
3
5
6
02
13
4
5
6
SUPPLY VOLTAGE (V)
PFO OUTPUT-VOLTAGE HIGH
vs. SUPPLY VOLTAGE
RL = 10k
0.20
0.30
0.35
0.25
0.45
0.40
0.50
0.55
0.60
02
13
4
5
6
SUPPLY VOLTAGE (V)
PFO OUTPUT-VOLTAGE LOW
vs. SUPPLY VOLTAGE
RL = 1k
10
µs/div
MAX6344/MAX6345
RESET RESPONSE TIME
VCC
RESET
0
4V
5V
4V
2
µs/div
MAX6342/MAX6345
RESET RESPONSE TIME
VCC
0
4V
5V
4V
RESET
5V
Typical Operating Characteristics (continued)
(VPFI = VCC = +5V, TA = +25°C, unless otherwise noted.)
Pin Description
MAX6344
1
1
Supply Voltage
2
2
Ground
MAX6342
3
3
Power-Fail Voltage Monitor Input. When PFI is < 1.25V, PFO
goes low. Connect PFI to GND or VCC when not used.
4
4
Power-Fail Voltage Monitor Output
FUNCTION
PIN
NAME
1
2
MAX6343
3
4
MAX6345
1
2
3
4
VCC
GND
PFI
PFO


Similar Part No. - MAX6344_UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6344-UT-T MAXIM-MAX6344-UT-T Datasheet
554Kb / 8P
   6-Pin μP Reset Circuit with Power-Fail Comparator
Rev 2; 12/05
MAX6344_UT-T MAXIM-MAX6344_UT-T Datasheet
129Kb / 8P
   6-Pin 關P Reset Circuit with Power-Fail Comparator
Rev 0; 10/99
More results

Similar Description - MAX6344_UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6343SUT-T MAXIM-MAX6343SUT-T Datasheet
554Kb / 8P
   6-Pin μP Reset Circuit with Power-Fail Comparator
Rev 2; 12/05
MAX6342 MAXIM-MAX6342 Datasheet
129Kb / 8P
   6-Pin 關P Reset Circuit with Power-Fail Comparator
Rev 0; 10/99
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Maxim Integrated Produc...
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
logo
Linear Technology
LTC2911 LINER-LTC2911_15 Datasheet
255Kb / 20P
   Precision Triple Supply Monitor with Power-Fail Comparator
logo
Dallas Semiconductor
DS1632 DALLAS-DS1632 Datasheet
138Kb / 6P
   PC Power-Fail and Reset Controller
logo
Maxim Integrated Produc...
DS1632 MAXIM-DS1632 Datasheet
144Kb / 6P
   PC Power-Fail and Reset Controller
060303
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
STMicroelectronics
SR2 STMICROELECTRONICS-SR2 Datasheet
474Kb / 22P
   6 pin Smart Reset?
May 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com