Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6831_UT-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6831_UT-T
Description  Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6831_UT-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6831_UT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6831_UT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6831_UT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6831_UT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6831_UT-T Datasheet HTML 8Page - Maxim Integrated Products MAX6831_UT-T Datasheet HTML 9Page - Maxim Integrated Products MAX6831_UT-T Datasheet HTML 10Page - Maxim Integrated Products MAX6831_UT-T Datasheet HTML 11Page - Maxim Integrated Products MAX6831_UT-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
______________________________________________________________________________________
11
Typical Operating Circuit
MAX6829
MAX6830
MAX6831
µP
VCC
VCC
VCC2
VCC2
GND
MANUAL
RESET
RESET
I/O
CORE
SUPPLY
I/O
SUPPLY
RESET
MR
WDI
Chip Information
TRANSISTOR COUNT: 750
PROCESS TECHNOLOGY: BiCMOS
Standard Versions
Table* (continued)
MAX6829/MAX6830/MAX6831
VCC
VCC2
3.3V
2.5V
1.8V
TZ
2.5V
SV
ZW
1.8V
SH
YH
WI
1.5V
SF
YG
VF
1.2V
SD
YD
VD
0.9V
Threshold Suffix Guide
VCC THRESHOLD
RESET THRESHOLD (V)
VCC2 THRESHOLD
RESET THRESHOLD (V)
L
4.63
Z
2.313
M
4.38
Y
2.188
T
3.08
W
1.665
S
2.93
V
1.575
R
2.63
I
1.388
Z
2.32
H
1.313
Y
2.19
G
1.110
W
1.67
F
1.050
E
0.833
V
1.58
D
0.788
Selector Guide
FUNCTION
ACTIVE-LOW
RESET
ACTIVE-HIGH
RESET
OPEN-DRAIN
RESET
WATCHDOG
INPUT
MANUAL
RESET INPUT
FIXED VCC2
MONITOR
ADJUSTABLE
RESET
INPUT
MAX6826
MAX6827
MAX6828
MAX6829
MAX6830
MAX6831
*Samples are typically available for standard versions only. For
the MAX6829/MAX6830/MAX6831, standard versions require a
2.5k minimum order increment, while nonstandard versions
require a 10k minimum order increment and are not typically
available in samples. Contact factory for availability.


Similar Part No. - MAX6831_UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6831 MAXIM-MAX6831 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
More results

Similar Description - MAX6831_UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
MAX6704SKA MAXIM-MAX6704SKA Datasheet
200Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com