Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8840ELT25+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8840ELT25+T
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8840ELT25+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8840ELT25+T Datasheet HTML 2Page - Maxim Integrated Products MAX8840ELT25+T Datasheet HTML 3Page - Maxim Integrated Products MAX8840ELT25+T Datasheet HTML 4Page - Maxim Integrated Products MAX8840ELT25+T Datasheet HTML 5Page - Maxim Integrated Products MAX8840ELT25+T Datasheet HTML 6Page - Maxim Integrated Products MAX8840ELT25+T Datasheet HTML 7Page - Maxim Integrated Products MAX8840ELT25+T Datasheet HTML 8Page - Maxim Integrated Products MAX8840ELT25+T Datasheet HTML 9Page - Maxim Integrated Products MAX8840ELT25+T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ultra-Low-Noise, High PSRR, Low-Dropout,
150mA Linear Regulators in µDFN
6
_______________________________________________________________________________________
Detailed Description
The MAX8840/MAX8841/MAX8842 are ultra-low-noise,
low-dropout, low-quiescent current linear regulators
designed for space-restricted applications. The parts
are available with preset output voltages ranging from
1.5V to 4.5V. These devices can supply loads up to
150mA. As shown in the Functional Diagram, the
MAX8840/MAX8841 consist of an innovative bandgap
core and noise bypass circuit, error amplifier, p-chan-
nel pass transistor, and internal feedback voltage-
divider. The MAX8842 allows for adjustable output with
an external feedback network.
The 1.225V bandgap reference is connected to the
error amplifier’s inverting input. The error amplifier com-
pares this reference with the feedback voltage and
amplifies the difference. If the feedback voltage is
lower than the reference voltage, the pass-transistor
gate is pulled low. This allows more current to pass to
the output and increases the output voltage. If the feed-
back voltage is too high, the pass transistor gate is
pulled high, allowing less current to pass to the output.
The output voltage is fed back through an internal resis-
tor voltage-divider connected to the OUT pin.
An external bypass capacitor connected to BP
(MAX8840) reduces noise at the output. Additional
blocks include a current limiter, thermal sensor, and
shutdown logic.
Internal p-Channel Pass Transistor
The MAX8840/MAX8841/MAX8842 feature a 1
Ω (typ)
p-channel MOSFET pass transistor. This provides seve-
ral advantages over similar designs using a pnp pass
transistor, including longer battery life. The p-channel
MOSFET requires no base drive, which considerably
reduces quiescent current. pnp-based regulators waste
considerable current in dropout when the pass transis-
tor saturates. They also use high base-drive current
under heavy loads. The MAX8840/MAX8841/MAX8842
do not suffer from these problems and consume only
40µA of quiescent current in light load and 220µA in
dropout (see the Typical Operating Characteristics).
Output Voltage Selection
The MAX8840/MAX8841 are supplied with factory-set
output voltages from 1.5V to 4.5V, in 100mV increments
(see the Ordering Information). The MAX8842 features
a user-adjustable output through an external feedback
network (see the Typical Operating Circuits).
To set the output of the MAX8842, use the following
equation:
where R2 is chosen to be less than 240k
Ω and VREF =
1.225V. Use 1% or better resistors.
Shutdown
The MAX8840/MAX8841/MAX8842 feature a low-power
shutdown mode that reduces quiescent current less
than 1µA. Driving SHDN low disables the voltage refer-
ence, error amplifier, gate-drive circuitry, and pass
transistor (see the Functional Diagram), and the device
output enters a high-impedance state. Connect SHDN
to IN for normal operation.
Current Limit
The MAX8840/MAX8841/MAX8842 include a current
limiter, which monitors and controls the pass transis-
tor’s gate voltage, limiting the output current to 200mA.
RR X
V
V
OUT
REF
12
1
=


-
Pin Description
PIN
MAX8840
MAX8841
MAX8842
NAME
FUNCTION
111
IN
Unregulated Input Supply
222
GND
Ground
333
SHDN
Shutdown. Pull low to disable the regulator.
4—
BP
Noise Bypass for Low-Noise Operation. Connect a 10nF capacitor
from BP to OUT. It is shorted to OUT in shutdown mode.
——
4FB
Adjustable Output Feedback Point
5
4, 5
5
N.C.
No Connection. Not internally connected.
666
OUT
Regulated Output Voltage. Bypass with a capacitor to GND. See the
Capacitor Selection and Regulator Stability section.


Similar Part No. - MAX8840ELT25+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840ELT25+T MAXIM-MAX8840ELT25+T Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
More results

Similar Description - MAX8840ELT25+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com