Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6744 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6744
Description  Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6744 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6744 Datasheet HTML 6Page - Maxim Integrated Products MAX6744 Datasheet HTML 7Page - Maxim Integrated Products MAX6744 Datasheet HTML 8Page - Maxim Integrated Products MAX6744 Datasheet HTML 9Page - Maxim Integrated Products MAX6744 Datasheet HTML 10Page - Maxim Integrated Products MAX6744 Datasheet HTML 11Page - Maxim Integrated Products MAX6744 Datasheet HTML 12Page - Maxim Integrated Products MAX6744 Datasheet HTML 13Page - Maxim Integrated Products MAX6744 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
10
______________________________________________________________________________________
Detailed Description
Supply Voltages
The MAX6736–MAX6745 µP supervisory circuits main-
tain system integrity by alerting the µP to fault condi-
tions. These devices are optimized for systems that
monitor two or three supply voltages. The reset output
state is guaranteed to remain valid while either VCC1 or
VCC2 is above 1.2V.
Threshold Levels
The MAX6736/MAX6737/MAX6740/MAX6741/MAX6743/
MAX6744 input voltage threshold combinations are indi-
cated by a two-letter code in Table 1. The MAX6738/
MAX6739/MAX6742/MAX6745 input voltage thresholds
are indicated by a one-letter code in Table 2. Contact the
factory for the availability of other voltage thresholds.
Reset Output
The MAX6736–MAX6745 provide an active-low reset out-
put (RESET). RESET is asserted when the voltage at
either VCC1 or VCC2 falls below the voltage threshold
level, RSTIN drops below the threshold, or MR is pulled
low. Once reset is asserted, it stays low for the reset time-
out period. If VCC1, VCC2, or RSTIN goes below the reset
threshold before the reset timeout period is completed,
the internal timer restarts. The MAX6736/MAX6738/
MAX6740/MAX6741/MAX6742 have open-drain reset out-
puts, while the MAX6737/MAX6739/MAX6743/MAX6744/
MAX6745 have push-pull reset outputs (Figure 1).
The MAX6740/MAX6741/MAX6742 include a RESET
output with a manual reset detect function. The open-
drain RESET output has an internal 50k
Ω pullup to
VCC1. The RESET output is low while the output is
pulled to GND and remains low for at least the manual
reset timeout period after the external GND pulldown is
VTH1
VCC1
GND
GND
tRP
tMRP
GND
POK1
GND
VTH2
VCC2
GND
tPOKP
MR
RESET
SWITCH
BOUNCE
SWITCH
BOUNCE
Figure 1. Timing Diagram


Similar Part No. - MAX6744

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6744XKL MAXIM-MAX6744XKL Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6744XKM MAXIM-MAX6744XKM Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6744XKR MAXIM-MAX6744XKR Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6744XKS MAXIM-MAX6744XKS Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6744XKT MAXIM-MAX6744XKT Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
More results

Similar Description - MAX6744

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com