Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2156GN+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS2156GN+
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
Download  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156GN+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS2156GN+ Datasheet HTML 7Page - Maxim Integrated Products DS2156GN+ Datasheet HTML 8Page - Maxim Integrated Products DS2156GN+ Datasheet HTML 9Page - Maxim Integrated Products DS2156GN+ Datasheet HTML 10Page - Maxim Integrated Products DS2156GN+ Datasheet HTML 11Page - Maxim Integrated Products DS2156GN+ Datasheet HTML 12Page - Maxim Integrated Products DS2156GN+ Datasheet HTML 13Page - Maxim Integrated Products DS2156GN+ Datasheet HTML 14Page - Maxim Integrated Products DS2156GN+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 265 page
background image
DS2156
11 of 265
Loopbacks: remote, local, analog, and per-channel
loopback
Extended System Information Bus
Host can read interrupt and alarm status on up to 8
ports with a single bus read
User-Programmable Output Pins
Four user-defined output pins for controlling
external logic
Control Port
8-bit parallel control port
Multiplexed or nonmultiplexed buses
Intel or Motorola formats
Supports polled or interrupt environments
Software access to device ID and silicon revision
Software reset supported
Automatic clear on power-up
Hardware reset pin
The DS2156 is compliant with the following standards:
ANSI:
T1.403-1995, T1.231–1993, T1.408
AT&T:
TR54016, TR62411
ITU:
G.703, G.704, G.706, G.736, G.775, G.823, G.932, I.431, O.151, Q.161
ITU-T:
Recommendation I.432–03/93 B-ISDN User-Network Interface—Physical Layer
Specification
ETSI:
ETS 300 011, ETS 300 166, ETS 300 233, CTR12, CTR4
Japanese:
JTG.703, JTI.431, JJ-20.11 (CMI Coding Only)
ATM Forum:
“DS1 Physical Layer Specification,” af-phy-0016.000, September 1994
ATM Forum:
“E1 Physical Layer Specification,” af-phy-0064.000, September 1996
ATM Forum:
“UTOPIA Level 2 Specification,” Version 1.0, af-phy-0039.000, June 1995


Similar Part No. - DS2156GN+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2156 DALLAS-DS2156 Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
logo
Maxim Integrated Produc...
DS2156 MAXIM-DS2156 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
DS2156DK MAXIM-DS2156DK Datasheet
3Mb / 21P
   Single-Chip Transceiver Design Kit Daughter Cards
REV: 110106
logo
Dallas Semiconductor
DS2156L DALLAS-DS2156L Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
DS2156LN DALLAS-DS2156LN Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
More results

Similar Description - DS2156GN+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2156 DALLAS-DS2156 Datasheet
1Mb / 262P
   T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com