Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6909EO33 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6909EO33
Description  I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6909EO33 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6909EO33 Datasheet HTML 1Page - Maxim Integrated Products MAX6909EO33 Datasheet HTML 2Page - Maxim Integrated Products MAX6909EO33 Datasheet HTML 3Page - Maxim Integrated Products MAX6909EO33 Datasheet HTML 4Page - Maxim Integrated Products MAX6909EO33 Datasheet HTML 5Page - Maxim Integrated Products MAX6909EO33 Datasheet HTML 6Page - Maxim Integrated Products MAX6909EO33 Datasheet HTML 7Page - Maxim Integrated Products MAX6909EO33 Datasheet HTML 8Page - Maxim Integrated Products MAX6909EO33 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
I2C-Compatible Real-Time Clocks with µP
Supervisor and NV RAM Controller
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BATTERY ON OUTPUT
VBATT = 2.0V, IOL = 3mA, VCC = 0V
0.2
BATT ON Output Low Voltage
VOL
VBATT = 2.7V, IOL = 5mA, VCC = 0V
0.25
V
BATT ON Off-Leakage Current
IOLKG
-1
+1
µA
RESET FUNCTION
MAX69_ _EO33
2.80
2.93
3.00
Reset Threshold
VRST
MAX69_ _EO30
2.50
2.63
2.70
V
VRST Hysteresis
VHYST
10
mV
VCC Falling Reset Delay
VCC falling from VRST(MAX) to VRST(MIN) at
10V/ms, measured from the beginning of
VCC falling to RESET asserting high
10
50
µs
Reset Active Timeout Period
tRP
140
200
280
ms
RESET Output Low Voltage
VOL
Reset asserted
IOL = 1.6mA,
VBATT = 2.0V,
VCC = 0V
0.2
V
RESET Off-Leakage Current
ILKG
-1
+1
µA
IOH = 50µA, VCC = 1.0V,
VBATT = 0V
0.8 ×
VCC
RESET Output High Voltage
VOH
Reset asserted
IOH = 1mA, VCC = 2V,
VBATT = 0V
0.9 ×
VCC
V
RESET Output Low Voltage
VOL
VCC = VCC(MIN), IOL = 1.6mA
0.032
0.1
V
2-WIRE DIGITAL INPUTS (SCL, SDA) (VCC(MIN) < VCC < VCC(MAX))
Input High Voltage
VIH
0.7 ×
VCC
V
Input Low Voltage
VIL
0.3 ×
VCC
V
Input Hysteresis
VHYS
0.05 ×
VCC
V
Input Leakage Current
VIN = GND or VCC
-1
+1
µA
Input Capacitance
(Note 8)
10
pF
Output Low Voltage
VOL
IOL = 4mA, VCC = VCC(MIN)
0.4
V


Similar Part No. - MAX6909EO33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690 MAXIM-MAX690 Datasheet
205Kb / 17P
   I2C-Compatible RTC in a TDFN
Rev 3; 6/03
MAX690 MAXIM-MAX690 Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
MAX690 MAXIM-MAX690 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX6900 MAXIM-MAX6900 Datasheet
205Kb / 17P
   I2C-Compatible RTC in a TDFN
Rev 3; 6/03
More results

Similar Description - MAX6909EO33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
logo
Dallas Semiconductor
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
Maxim Integrated Produc...
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
Maxim Integrated Produc...
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com