Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15014BATX+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15014BATX+
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15014BATX+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15014BATX+ Datasheet HTML 4Page - Maxim Integrated Products MAX15014BATX+ Datasheet HTML 5Page - Maxim Integrated Products MAX15014BATX+ Datasheet HTML 6Page - Maxim Integrated Products MAX15014BATX+ Datasheet HTML 7Page - Maxim Integrated Products MAX15014BATX+ Datasheet HTML 8Page - Maxim Integrated Products MAX15014BATX+ Datasheet HTML 9Page - Maxim Integrated Products MAX15014BATX+ Datasheet HTML 10Page - Maxim Integrated Products MAX15014BATX+ Datasheet HTML 11Page - Maxim Integrated Products MAX15014BATX+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
8
_______________________________________________________________________________________
10ms/div
TURN-ON/-OFF WAVEFORM
INCREASING VIN
VIN
5V/div
VOUT
2V/div
MAX15014 toc10
ILOAD = 1A
0V
0V
10ms/div
TURN-ON/-OFF WAVEFORM
INCREASING VIN
VIN
5V/div
VOUT
2V/div
MAX15014 toc11
ILOAD = 100mA
0V
0V
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
-40
-15
10
35
60
85
110
135
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
ILOAD = 1A
ILOAD = 0A
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
VOUT = 3.3V
VIN = 4.5V
VIN = 7.5V
VIN = 12V
VIN = 24V
VIN = 40V
MAX15016A
ILDO_OUT = 0A
EFFICIENCY vs. LOAD CURRENT
(MAX15014)
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
VOUT = 5V
VIN = 24V
VIN = 40V
VIN = 12V
VIN = 7.5V
EFFICIENCY vs. LOAD CURRENT
(MAX15017A)
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
VOUT = 5V
VIN = 24V
VIN = 40V
VIN = 12V
VIN = 7.5V
Typical Operating Characteristics (continued)
(VIN_SW = VIN_LDO = VDRAIN =14V, VEN_SYS = VEN_SW = 2.4V, VREG = VDVREG, VSYNC = VSET_LDO = VSGND = VPGND = 0V, CREG =
1µF, CIN_SW = 0.1µF, CIN_LDO = 0.1µF, CLDO_OUT = 10µF, CDRAIN = 0.22µF, see Figures 6 and 7, TA = +25°C, unless otherwise noted.)
0
30
20
10
40
50
60
70
80
90
100
110
100
1000
EFFICIENCY vs. LOAD CURRENT
(MAX15015A)
LOAD CURRENT (mA)
VOUT = 3.3V
VIN = 7.5V
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 40V
200µs/div
LOAD-TRANSIENT RESPONSE
VOUT
AC-COUPLED
100mV/div
ILOAD
500mA/div
MAX15014 toc17
VIN = 12V, IOUT = 0.25A TO 1A
MAX15015A
0
200µs/div
LOAD-TRANSIENT RESPONSE
VOUT
AC-COUPLED
100mV/div
ILOAD
500mA/div
0
MAX15014 toc18
VIN = 4.5V, IOUT = 0.25A TO 1A
MAX15015A


Similar Part No. - MAX15014BATX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15014BATX++ MAXIM-MAX15014BATX+ Datasheet
2Mb / 25P
   1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
Rev 1; 11/14
More results

Similar Description - MAX15014BATX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15014 MAXIM-MAX15014 Datasheet
2Mb / 25P
   1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
Rev 1; 11/14
logo
Diodes Incorporated
AP64060 DIODES-AP64060 Datasheet
1Mb / 18P
   4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 2 - 2 August 2022
AP64060Q DIODES-AP64060Q_V01 Datasheet
1Mb / 19P
   4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 September 2022
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX17673 MAXIM-MAX17673 Datasheet
1Mb / 27P
   Integrated 4.5V to 60V Synchronous 1.5A HV Buck and Dual 2.7V to 5.5V, 1A Buck Regulators
Rev 2; 11/19
logo
Diodes Incorporated
AP64100 DIODES-AP64100 Datasheet
1Mb / 26P
   3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64102 DIODES-AP64102 Datasheet
1Mb / 21P
   3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 2 - 2 July 2021
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com