Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEMD16 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PEMD16
Description  NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD16 Datasheet(HTML) 5 Page - NXP Semiconductors

  PEMD16 Datasheet HTML 1Page - NXP Semiconductors PEMD16 Datasheet HTML 2Page - NXP Semiconductors PEMD16 Datasheet HTML 3Page - NXP Semiconductors PEMD16 Datasheet HTML 4Page - NXP Semiconductors PEMD16 Datasheet HTML 5Page - NXP Semiconductors PEMD16 Datasheet HTML 6Page - NXP Semiconductors PEMD16 Datasheet HTML 7Page - NXP Semiconductors PEMD16 Datasheet HTML 8Page - NXP Semiconductors PEMD16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9397 750 15178
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 7 June 2005
5 of 10
Philips Semiconductors
PEMD16; PUMD16
NPN/PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig 1.
TR1 (NPN): DC current gain as a function of
collector current; typical values
Fig 2.
TR1 (NPN): Collector-emitter saturation voltage
as a function of collector current; typical values
VCE = 0.3 V
(1) Tamb = −40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
VCE = 5 V
(1) Tamb = −40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig 3.
TR1 (NPN): On-state input voltage as a function
of collector current; typical values
Fig 4.
TR1 (NPN): Off-state input voltage as a function
of collector current; typical values
IC (mA)
10−1
102
10
1
006aaa174
102
10
103
hFE
1
(1)
(2)
(3)
IC (mA)
1102
10
006aaa175
102
103
VCEsat
(mV)
10
(1)
(2)
(3)
006aaa176
IC (mA)
10−1
102
10
1
1
10
VI(on)
(V)
10−1
(1)
(3)
(2)
006aaa177
IC (mA)
10−2
10
1
10−1
1
10
VI(off)
(V)
10−1
(1)
(3)
(2)


Similar Part No. - PEMD16

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD16 NEXPERIA-PEMD16 Datasheet
339Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
PEMD16 NEXPERIA-PEMD16 Datasheet
125Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 47 k
Rev. 3 - 28 June 2011
logo
NXP Semiconductors
PEMD16_PUMD16 PHILIPS-PEMD16_PUMD16_15 Datasheet
126Kb / 11P
   NPN/PNP resistor-equipped transistors R1 = 22 k?? R2 = 47 k?
Rev. 3-28 June 2011
logo
Nexperia B.V. All right...
PEMD16 NEXPERIA-PEMD16_V01 Datasheet
125Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 47 k
Rev. 3 - 28 June 2011
More results

Similar Description - PEMD16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
logo
Nexperia B.V. All right...
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
logo
NXP Semiconductors
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
logo
NXP Semiconductors
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
logo
Nexperia B.V. All right...
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
logo
NXP Semiconductors
PUMD2 NXP-PUMD2 Datasheet
98Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
Rev. 07-24 September 2008
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com