Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT2DC20S20 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HT2DC20S20
Description  HITAG 2 stick transponder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT2DC20S20 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button HT2DC20S20 Datasheet HTML 3Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 4Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 5Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 6Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 7Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 8Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 9Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 10Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2001 Oct 01
7
Philips Semiconductors
Product specification
HITAG 2 stick transponder
HT2DC20S20
Table 2
Format of page 3
Table 3
Bits of the configuration byte
Notes
1. The coding in HITAG 2 operation is depending on bit 0.
2. The setting of this bit is One Time Programmable (OTP).
Do not set bit 6 of the configuration byte to logic 1 before having written the final data into page 3 (including the
configuration byte and password TAG) of the transponder.
3. The setting of this bit is One Time Programmable (OTP).
Do not set bit 7 of the configuration byte to logic 1 before having written the final data into pages 1 and 2 of the
transponder.
Table 4
Standard values of the configuration byte
PAGE 3
bit 31
bit 24
bit 23
bit 0
configuration byte (8 bits)
password TAG (24 bits)
76543210
BIT
VALUE
DESCRIPTION
REMARK
0
0
Manchester code
does effect HITAG 2 operation only
1
biphase code
does effect HITAG 2 operation only
2, 1
00
public mode B
coding biphase; note 1
01
public mode A
coding Manchester; note 1
10
public mode C
coding biphase; note 1
11
HITAG 2
coding depending on bit 0; note 1
3
0
password mode
1
crypto mode
4
0
pages 6 and 7 read/write
1
pages 6 and 7 read-only
5
0
pages 4 and 5 read/write
1
pages 4 and 5 read/write
6
0
page 3 read/write
1
page 3 read-only
configuration byte and password TAG fixed; note 2
7
0
pages 1 and 2 read/write
1
pages 1 no read and write
note 3
page 2 read-only
when transponder is in password mode
page 3 no read and write
when transponder is in crypto mode
MODE SELECTION
VALUE
Password mode
0x06
Crypto mode
0x0E
Public mode A
0x02
Public mode B
0x00
Public mode C
0x04


Similar Part No. - HT2DC20S20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HT2DC20S20 NXP-HT2DC20S20 Datasheet
122Kb / 9P
   HITAG 2 transponder IC
Rev. 3.1-3 November 2014
HT2DC20S20F NXP-HT2DC20S20F Datasheet
122Kb / 9P
   HITAG 2 transponder IC
Rev. 3.1-3 November 2014
HT2DC20S20FR NXP-HT2DC20S20FR Datasheet
122Kb / 9P
   HITAG 2 transponder IC
Rev. 3.1-3 November 2014
More results

Similar Description - HT2DC20S20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HT1DC20S30 PHILIPS-HT1DC20S30 Datasheet
55Kb / 8P
   HITAG 1 stick transponder
2001 Sep 24
HT2X NXP-HT2X Datasheet
122Kb / 9P
   HITAG 2 transponder IC
Rev. 3.1-3 November 2014
PCF7936AS PHILIPS-PCF7936AS_V01 Datasheet
39Kb / 1P
   Security Transponder, HITAG 2
July 1998
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
   HITAG transponder IC
Rev. 3.3-17 October 2014
HT1X NXP-HT1X Datasheet
132Kb / 9P
   HITAG 1 transponder IC
Rev. 3.1-10 December 2014
HTSICH56 NXP-HTSICH56 Datasheet
252Kb / 21P
   HITAG S transponder IC
Rev. 3.1-11 December 2014
HTCICC64 NXP-HTCICC64 Datasheet
84Kb / 14P
   HITAG 關 RO64 transponder IC
Rev. 3.2-20 October 2014
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
   Memory Stick Duo / Memory Stick (2-in-1)
logo
NXP Semiconductors
HTRC110 NXP-HTRC110 Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
HTEV400 PHILIPS-HTEV400 Datasheet
49Kb / 8P
   HITAG proximity evaluation kit
2001 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com