Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT236X-800 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BT236X-800
Description  6 A Four-quadrant triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT236X-800 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BT236X-800 Datasheet HTML 4Page - NXP Semiconductors BT236X-800 Datasheet HTML 5Page - NXP Semiconductors BT236X-800 Datasheet HTML 6Page - NXP Semiconductors BT236X-800 Datasheet HTML 7Page - NXP Semiconductors BT236X-800 Datasheet HTML 8Page - NXP Semiconductors BT236X-800 Datasheet HTML 9Page - NXP Semiconductors BT236X-800 Datasheet HTML 10Page - NXP Semiconductors BT236X-800 Datasheet HTML 11Page - NXP Semiconductors BT236X-800 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BT236X_SER_F_G_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 14 March 2006
9 of 12
Philips Semiconductors
BT236X series F and G
6 A Four-quadrant triacs
9.
Package outline
Fig 13. Package outline SOT186A (3-lead TO-220F)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT186A
3-lead TO-220F
0
5
10 mm
scale
Plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 3 lead TO-220 'full pack'
SOT186A
A
A1
Q
c
K
j
Notes
1. Terminal dimensions within this zone are uncontrolled.
2. Both recesses are
∅ 2.5 × 0.8 max. depth
D
D1
L
L2
L1
b1
b2
e1
e
b
w M
1
23
q
E
P
T
UNIT
D
b1
D1
e
q
Q
P
L
c
L2
(1)
max.
e1
A
5.08
3
mm
4.6
4.0
A1
2.9
2.5
b
0.9
0.7
1.1
0.9
b2
1.4
1.0
0.7
0.4
15.8
15.2
6.5
6.3
E
10.3
9.7
2.54
14.4
13.5
T
(2)
2.5
0.4
L1
3.30
2.79
j
2.7
1.7
K
0.6
0.4
2.6
2.3
3.0
2.6
w
3.2
3.0
DIMENSIONS (mm are the original dimensions)
02-04-09
06-02-14
mounting
base


Similar Part No. - BT236X-800

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT236X-800 WEEN-BT236X-800 Datasheet
479Kb / 13P
   4Q Triac
BT236X-800G WEEN-BT236X-800G Datasheet
479Kb / 13P
   4Q Triac
More results

Similar Description - BT236X-800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138 NXP-BT138 Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
BT138X NXP-BT138X Datasheet
93Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 03-10 March 2008
BT138Y NXP-BT138Y Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate, insulated
Rev. 01-3 June 2008
BTA216C PHILIPS-BTA216C Datasheet
21Kb / 4P
   Three quadrant triacs Three quadrant triacs
October 1997 Rev 1.000
logo
HAOPIN MICROELECTRONICS...
BTA20-600BW HAOPIN-BTA20-600BW Datasheet
317Kb / 5P
   Three quadrant triacs
BTA24-600BW HAOPIN-BTA24-600BW Datasheet
308Kb / 5P
   Three quadrant triacs
BTB24-600BW HAOPIN-BTB24-600BW Datasheet
308Kb / 5P
   Three quadrant triacs
BTA12-600CW HAOPIN-BTA12-600CW Datasheet
491Kb / 5P
   Three quadrant triacs
BTA12-600SW HAOPIN-BTA12-600SW Datasheet
491Kb / 5P
   Three quadrant triacs
BTA16-600BW HAOPIN-BTA16-600BW Datasheet
442Kb / 5P
   Three quadrant triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com