Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT236X-600 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BT236X-600
Description  6 A Four-quadrant triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT236X-600 Datasheet(HTML) 4 Page - NXP Semiconductors

  BT236X-600 Datasheet HTML 1Page - NXP Semiconductors BT236X-600 Datasheet HTML 2Page - NXP Semiconductors BT236X-600 Datasheet HTML 3Page - NXP Semiconductors BT236X-600 Datasheet HTML 4Page - NXP Semiconductors BT236X-600 Datasheet HTML 5Page - NXP Semiconductors BT236X-600 Datasheet HTML 6Page - NXP Semiconductors BT236X-600 Datasheet HTML 7Page - NXP Semiconductors BT236X-600 Datasheet HTML 8Page - NXP Semiconductors BT236X-600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BT236X_SER_F_G_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 14 March 2006
4 of 12
Philips Semiconductors
BT236X series F and G
6 A Four-quadrant triacs
tp ≤ 20 ms
(1) dIT/dt limit
(2) T2
− G+ quadrant
Fig 3.
Non-repetitive peak on-state current as a function of pulse duration; maximum values
f = 50 Hz; Th ≤ 88 °C
Fig 4.
RMS on-state current as a function of surge
duration; maximum values
Fig 5.
RMS on-state current as a function of heatsink
temperature; maximum values
003aab308
10
10
2
10
3
10
-5
10
-4
10
-3
10
-2
10
-1
tp ( s)
ITSM
(A)
(1)
(2)
ITSM
t
IT
Tj(init) = 25 °C max
T
003aab309
0
5
10
15
20
25
10
-2
10
-1
1
10
surge duration (s)
IT(RMS)
(A)
003aab310
0
2
4
6
8
-50
0
50
100
150
Th (°C)
IT(RMS)
(A)
88
°C


Similar Part No. - BT236X-600

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT236X-600 WEEN-BT236X-600 Datasheet
479Kb / 13P
   4Q Triac
BT236X-600F WEEN-BT236X-600F Datasheet
478Kb / 13P
   4Q Triac
BT236X-600G WEEN-BT236X-600G Datasheet
479Kb / 13P
   4Q Triac
More results

Similar Description - BT236X-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138 NXP-BT138 Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
BT138X NXP-BT138X Datasheet
93Kb / 12P
   12 A four-quadrant triacs, sensitive gate
Rev. 03-10 March 2008
BT138Y NXP-BT138Y Datasheet
89Kb / 12P
   12 A four-quadrant triacs, sensitive gate, insulated
Rev. 01-3 June 2008
BTA216C PHILIPS-BTA216C Datasheet
21Kb / 4P
   Three quadrant triacs Three quadrant triacs
October 1997 Rev 1.000
logo
HAOPIN MICROELECTRONICS...
BTA20-600BW HAOPIN-BTA20-600BW Datasheet
317Kb / 5P
   Three quadrant triacs
BTA24-600BW HAOPIN-BTA24-600BW Datasheet
308Kb / 5P
   Three quadrant triacs
BTB24-600BW HAOPIN-BTB24-600BW Datasheet
308Kb / 5P
   Three quadrant triacs
BTA12-600CW HAOPIN-BTA12-600CW Datasheet
491Kb / 5P
   Three quadrant triacs
BTA12-600SW HAOPIN-BTA12-600SW Datasheet
491Kb / 5P
   Three quadrant triacs
BTA16-600BW HAOPIN-BTA16-600BW Datasheet
442Kb / 5P
   Three quadrant triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com