Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC1005 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # OC1005
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OC1005 Datasheet(HTML) 4 Page - NXP Semiconductors

  OC1005 Datasheet HTML 1Page - NXP Semiconductors OC1005 Datasheet HTML 2Page - NXP Semiconductors OC1005 Datasheet HTML 3Page - NXP Semiconductors OC1005 Datasheet HTML 4Page - NXP Semiconductors OC1005 Datasheet HTML 5Page - NXP Semiconductors OC1005 Datasheet HTML 6Page - NXP Semiconductors OC1005 Datasheet HTML 7Page - NXP Semiconductors OC1005 Datasheet HTML 8Page - NXP Semiconductors OC1005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OC1005_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
4 of 12
NXP Semiconductors
OC1005
N-channel TrenchMOS standard level FET
5.
Thermal characteristics
Table 4.
Thermal characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb) thermal resistance from junction to mounting base see Figure 4
-
-
0.75
K/W
Rth(j-a)
thermal resistance from junction to ambient
vertical in free air
-
60
-
K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003aab893
tp (s)
10−4
1
10−1
10−3
10−2
10−1
1
Zth(j-mb)
(K/W)
10−2
δ = 0.5
0.2
0.1
0.01
0.02
single pulse
tp
tp
T
P
t
T
δ =


Similar Part No. - OC1005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
122Kb / 2P
   Opto Coupler
logo
Lumins Inc.
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
   Ceiling mount
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
170Kb / 2P
   Optocoupler ??Axial Leaded ??Epoxy Molded
OC100G VMI-OC100G Datasheet
170Kb / 2P
   Optocoupler ??Axial Leaded ??Epoxy Molded
More results

Similar Description - OC1005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com