Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF6G20-110 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLF6G20-110
Description  Power LDMOS transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF6G20-110 Datasheet(HTML) 1 Page - NXP Semiconductors

  BLF6G20-110_09 Datasheet HTML 1Page - NXP Semiconductors BLF6G20-110_09 Datasheet HTML 2Page - NXP Semiconductors BLF6G20-110_09 Datasheet HTML 3Page - NXP Semiconductors BLF6G20-110_09 Datasheet HTML 4Page - NXP Semiconductors BLF6G20-110_09 Datasheet HTML 5Page - NXP Semiconductors BLF6G20-110_09 Datasheet HTML 6Page - NXP Semiconductors BLF6G20-110_09 Datasheet HTML 7Page - NXP Semiconductors BLF6G20-110_09 Datasheet HTML 8Page - NXP Semiconductors BLF6G20-110_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
110 W LDMOS power transistor for base station applications at frequencies from
1800 MHz to 2000 MHz.
[1]
Test signal: 3GPP; test model 1; 64 DPCH; PAR = 7 dB at 0.01 % probability on CCDF per carrier; carrier
spacing 10 MHz.
1.2 Features
I Typical 2-carrier W-CDMA performance at frequencies of 1930 MHz and 1990 MHz,
a supply voltage of 28 V and an IDq of 900 mA:
N Average output power = 25 W
N Power gain = 19 dB
N Efficiency = 32 %
N IMD3 = −34 dBc
N ACPR = −38 dBc
I Easy power control
I Integrated ESD protection
I Excellent ruggedness
I High efficiency
I Excellent thermal stability
I Designed for broadband operation (1800 MHz to 2000 MHz)
I Internally matched for ease of use
I Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
BLF6G20-110; BLF6G20LS-110
Power LDMOS transistor
Rev. 03 — 13 January 2009
Product data sheet
Table 1.
Typical performance
RF performance at Tcase = 25 °C in a common source class-AB production test circuit.
Mode of operation
f
VDS
PL(AV)
Gp
η
D
IMD3
ACPR
(MHz)
(V)
(W)
(dB)
(%)
(dBc)
(dBc)
2-carrier W-CDMA
1930 to 1990
28
25
19
32
−34[1]
−38[1]
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.


Similar Part No. - BLF6G20-110_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 PHILIPS-BLF6G20-110_15 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
More results

Similar Description - BLF6G20-110_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com