Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4543BP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4543BP
Description  BCD to 7-segment latch/decoder/driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4543BP Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4543BP Datasheet HTML 1Page - NXP Semiconductors HEF4543BP Datasheet HTML 2Page - NXP Semiconductors HEF4543BP Datasheet HTML 3Page - NXP Semiconductors HEF4543BP Datasheet HTML 4Page - NXP Semiconductors HEF4543BP Datasheet HTML 5Page - NXP Semiconductors HEF4543BP Datasheet HTML 6Page - NXP Semiconductors HEF4543BP Datasheet HTML 7Page - NXP Semiconductors HEF4543BP Datasheet HTML 8Page - NXP Semiconductors HEF4543BP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HEF4543B_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 27 October 2009
4 of 16
NXP Semiconductors
HEF4543B
BCD to 7-segment latch/decoder/driver
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Pin configuration
HEF4543B
LE
VDD
D2
Qf
D1
Qg
D3
Qe
D0
Qd
PH
Qc
BL
Qb
VSS
Qa
001aae743
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
LE
1
latch enable input (active LOW)
D0 to D3
5, 3, 2, 4
address (data) input
PH
6
phase input (active HIGH)
BL
7
blanking input (active HIGH)
VSS
8
ground supply voltage
Qa to Qg
9, 10, 11, 12, 13, 15, 14
segment output
VDD
16
supply voltage


Similar Part No. - HEF4543BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4543BP PHILIPS-HEF4543BP Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results

Similar Description - HEF4543BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com