Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT373 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AHCT373
Description  Octal D-type transparant latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT373 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT373 Datasheet HTML 7Page - NXP Semiconductors 74AHCT373 Datasheet HTML 8Page - NXP Semiconductors 74AHCT373 Datasheet HTML 9Page - NXP Semiconductors 74AHCT373 Datasheet HTML 10Page - NXP Semiconductors 74AHCT373 Datasheet HTML 11Page - NXP Semiconductors 74AHCT373 Datasheet HTML 12Page - NXP Semiconductors 74AHCT373 Datasheet HTML 13Page - NXP Semiconductors 74AHCT373 Datasheet HTML 14Page - NXP Semiconductors 74AHCT373 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74AHC_AHCT373_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 20 May 2008
11 of 17
NXP Semiconductors
74AHC373; 74AHCT373
Octal D-type transparant latch; 3-state
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 9.
Enable and disable times
mna813
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
Qn output
LOW-to-OFF
OFF-to-LOW
Qn output
HIGH-to-OFF
OFF-to-HIGH
OE input
VOL
VOH
VCC
VI
VM
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
The shaded areas indicate when the input is permitted to change for predicable output performance.
Fig 10. Data set-up and hold times
mna814
th
tsu
th
tsu
VM
VM
VI
GND
VI
GND
LE input
Dn input
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74AHC373
0.5
× VCC
0.5
× VCC
VOL + 0.3 V
VOH − 0.3 V
74AHCT373
1.5 V
0.5
× VCC
VOL + 0.3 V
VOH − 0.3 V


Similar Part No. - 74AHCT373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT373 PHILIPS-74AHCT373 Datasheet
97Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Nov 23
74AHCT373D PHILIPS-74AHCT373D Datasheet
97Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Nov 23
74AHCT373PW PHILIPS-74AHCT373PW Datasheet
97Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Nov 23
More results

Similar Description - 74AHCT373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC573 NXP-74AHC573_10 Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com