Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4521B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4521B
Description  24-stage frequency divider and oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4521B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF4521B_09 Datasheet HTML 2Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 3Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 4Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 5Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 6Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 7Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 8Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 9Page - NXP Semiconductors HEF4521B_09 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HEF4521B_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 5 November 2009
6 of 17
NXP Semiconductors
HEF4521B
24-stage frequency divider and oscillator
10. Recommended operating conditions
11. Static characteristics
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3
-
15
V
VI
input voltage
0
-
VDD
V
Tamb
ambient temperature
in free air
−40
-
+85
°C
∆t/∆V
input transition rise and fall rate
VDD = 5 V
-
-
3.75
µs/V
VDD = 10 V
-
-
0.5
µs/V
VDD = 15 V
-
-
0.08
µs/V
Table 7.
Static characteristics
VSS = 0 V; VI = VSS or VDD unless otherwise specified.
Symbol Parameter
Conditions
VDD
Tamb = −40 °C
Tamb = 25 °C
Tamb = 85 °C
Unit
Min
Max
Min
Max
Min
Max
VIH
HIGH-level input voltage
|IO| < 1 µA
5 V
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-
7.0
-
7.0
-
V
15 V
11.0
-
11.0
-
11.0
-
V
VIL
LOW-level input voltage
|IO| < 1 µA
5 V
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
V
15 V
-
4.0
-
4.0
-
4.0
V
VOH
HIGH-level output voltage
|IO| < 1 µA
5 V
4.95
-
4.95
-
4.95
-
V
10 V
9.95
-
9.95
-
9.95
-
V
15 V
14.95
-
14.95
-
14.95
-
V
VOL
LOW-level output voltage
|IO| < 1 µA
5 V
-
0.05
-
0.05
-
0.05
V
10 V
-
0.05
-
0.05
-
0.05
V
15 V
-
0.05
-
0.05
-
0.05
V
IOH
HIGH-level output current
VO = 2.5 V
5 V
−1.7
-
−1.4
-
−1.1
-
mA
VO = 4.6 V
5 V
−0.52
-
−0.44
-
−0.36
-
mA
VO = 9.5 V
10 V
−1.3
-
−1.1
-
−0.9
-
mA
VO = 13.5 V
15 V
−3.6
-
−3.0
-
−2.4
-
mA
IOL
LOW-level output current
VO = 0.4 V
5 V
0.52
-
0.44
-
0.36
-
mA
VO = 0.5 V
10 V
1.3
-
1.1
-
0.9
-
mA
VO = 1.5 V
15 V
3.6
-
3.0
-
2.4
-
mA
II
input leakage current
15 V
-
±0.3
-
±0.3
-
±1.0 µA
IDD
supply current
IO = 0 A
5 V
-
20
-
20
-
150
µA
10 V
-
40
-
40
-
300
µA
15 V
-
80
-
80
-
600
µA
CI
input capacitance
-
-
-
-
7.5
-
-
pF


Similar Part No. - HEF4521B_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4521BD PHILIPS-HEF4521BD Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
HEF4521BF PHILIPS-HEF4521BF Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
HEF4521BN PHILIPS-HEF4521BN Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
HEF4521BP PHILIPS-HEF4521BP Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
HEF4521BT PHILIPS-HEF4521BT Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
More results

Similar Description - HEF4521B_09

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com