Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT595 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AHCT595
Description  NPN general-purpose double transistors output latches; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT595 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHCT595 Datasheet HTML 1Page - NXP Semiconductors 74AHCT595 Datasheet HTML 2Page - NXP Semiconductors 74AHCT595 Datasheet HTML 3Page - NXP Semiconductors 74AHCT595 Datasheet HTML 4Page - NXP Semiconductors 74AHCT595 Datasheet HTML 5Page - NXP Semiconductors 74AHCT595 Datasheet HTML 6Page - NXP Semiconductors 74AHCT595 Datasheet HTML 7Page - NXP Semiconductors 74AHCT595 Datasheet HTML 8Page - NXP Semiconductors 74AHCT595 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74AHC595; 74AHCT595 are high-speed Si-gate CMOS devices and are pin
compatible with Low-power Schottky TTL (LSTTL). They are specified in compliance with
JEDEC standard No. 7A.
The 74AHC595; 74AHCT595 are 8-stage serial shift registers with a storage register and
3-state outputs. The registers have separate clocks.
Data is shifted on the positive-going transitions of the shift register clock input (SHCP).
The data in each register is transferred to the storage register on a positive-going
transition of the storage register clock input (STCP). If both clocks are connected together,
the shift register will always be one clock pulse ahead of the storage register.
The shift register has a serial input (DS) and a serial standard output (Q7S) for cascading.
It is also provided with asynchronous reset (active LOW) for all 8 shift register stages. The
storage register has 8 parallel 3-state bus driver outputs. Data in the storage register
appears at the output whenever the output enable input (OE) is LOW.
2.
Features
I Balanced propagation delays
I All inputs have Schmitt-trigger action
I Inputs accept voltages higher than VCC
I Input levels:
N The 74AHC595 operates with CMOS input levels
N The 74AHCT595 operates with TTL input levels
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
3.
Applications
I Serial-to-parallel data conversion
I Remote control holding register
74AHC595; 74AHCT595
8-bit serial-in/serial-out or parallel-out shift register with
output latches; 3-state
Rev. 04 — 11 August 2009
Product data sheet


Similar Part No. - 74AHCT595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT595 PHILIPS-74AHCT595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Nexperia B.V. All right...
74AHCT595 NEXPERIA-74AHCT595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHCT595-Q100 NEXPERIA-74AHCT595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHCT595BQ NEXPERIA-74AHCT595BQ Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
More results

Similar Description - 74AHCT595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Nexperia B.V. All right...
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
   NPN general-purpose double transistors
Rev. 04 - 18 December 2009
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63 Datasheet
46Kb / 8P
   NPN general purpose double transistors
1999 May 21
logo
Nexperia B.V. All right...
BCV63 NEXPERIA-BCV63 Datasheet
949Kb / 12P
   NPN general-purpose double transistors
Rev. 4 - 4 August 2010
logo
NXP Semiconductors
BCV63 NXP-BCV63_10 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
PUMX2 PHILIPS-PUMX2 Datasheet
55Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 01-10 November 2005
PUMX2 NXP-PUMX2 Datasheet
103Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
   NPN/NPN general purpose double transistors
25 June 2019
PUMX2 NEXPERIA-PUMX2 Datasheet
218Kb / 9P
   NPN/NPN general-purpose double transistors
Rev. 02 - 17 November 2009
logo
NXP Semiconductors
BCV61 PHILIPS-BCV61_15 Datasheet
147Kb / 13P
   NPN general-purpose double transistors
Rev. 04-18 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com