Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4020DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV4020DB
Description  14-stage binary ripple counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4020DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV4020DB Datasheet HTML 3Page - NXP Semiconductors 74LV4020DB Datasheet HTML 4Page - NXP Semiconductors 74LV4020DB Datasheet HTML 5Page - NXP Semiconductors 74LV4020DB Datasheet HTML 6Page - NXP Semiconductors 74LV4020DB Datasheet HTML 7Page - NXP Semiconductors 74LV4020DB Datasheet HTML 8Page - NXP Semiconductors 74LV4020DB Datasheet HTML 9Page - NXP Semiconductors 74LV4020DB Datasheet HTML 10Page - NXP Semiconductors 74LV4020DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74LV4020_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2005
7 of 20
Philips Semiconductors
74LV4020
14-stage binary ripple counter
11. Static characteristics
Table 7:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VIH
HIGH-state input voltage
VCC = 1.2 V
0.9
-
-
V
VCC = 2.0 V
1.4
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--
V
VIL
LOW-state input voltage
VCC = 1.2 V
-
-
0.3
V
VCC = 2.0 V
-
-
0.6
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× V
CC
V
VOH
HIGH-state output voltage
VI = VIH or VIL
IO = −100 µA; VCC = 1.2 V
-
1.2
-
V
IO = −100 µA; VCC = 2.0 V
1.8
2.0
-
V
IO = −100 µA; VCC = 2.7 V
2.5
2.7
-
V
IO = −100 µA; VCC = 3.0 V
2.8
3.0
-
V
IO = −100 µA; VCC = 4.5 V
4.3
4.5
-
V
IO = −6 mA; VCC = 3.0 V
2.40
2.82
-
V
IO = −12 mA; VCC = 4.5 V
3.60
4.20
-
V
VOL
LOW-state output voltage
VI = VIH or VIL
IO = 100 µA; VCC = 1.2 V
-
0
-
V
IO = 100 µA; VCC = 2.0 V
-
0
0.2
V
IO = 100 µA; VCC = 2.7 V
-
0
0.2
V
IO = 100 µA; VCC = 3.0 V
-
0
0.2
V
IO = 100 µA; VCC = 4.5 V
-
0
0.2
V
IO = 6 mA; VCC = 3.0 V
-
0.25
0.40
V
IO = 12 mA; VCC = 4.5 V
-
0.35
0.55
V
ILI
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
µA
ICC
quiescent supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
20.0
µA
∆ICC
additional quiescent supply
current
per input; VI = VCC − 0.6 V;
VCC = 2.7 V to 3.6 V
-
-
500
µA
Ci
input capacitance
-
3.5
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-state input voltage
VCC = 1.2 V
0.9
-
-
V
VCC = 2.0 V
1.4
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--
V


Similar Part No. - 74LV4020DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
Texas Instruments
74LV4040A TI-74LV4040A Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
logo
NXP Semiconductors
74LV4040D PHILIPS-74LV4040D Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040DB PHILIPS-74LV4040DB Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040N PHILIPS-74LV4040N Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
More results

Similar Description - 74LV4020DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
Nexperia B.V. All right...
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
logo
Motorola, Inc
MC74AC4020 MOTOROLA-MC74AC4020 Datasheet
141Kb / 5P
   14-STAGE BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC4020 PHILIPS-74HC4020 Datasheet
49Kb / 7P
   14-stage binary ripple counter
September 1993
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_14 Datasheet
123Kb / 8P
   14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74HC4020-Q100 NEXPERIA-74HC4020-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020 NEXPERIA-74HCT4020 Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com