Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2005ET Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2005ET
Description  0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2005ET Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2005ET_10 Datasheet HTML 1Page - NXP Semiconductors PMEG2005ET_10 Datasheet HTML 2Page - NXP Semiconductors PMEG2005ET_10 Datasheet HTML 3Page - NXP Semiconductors PMEG2005ET_10 Datasheet HTML 4Page - NXP Semiconductors PMEG2005ET_10 Datasheet HTML 5Page - NXP Semiconductors PMEG2005ET_10 Datasheet HTML 6Page - NXP Semiconductors PMEG2005ET_10 Datasheet HTML 7Page - NXP Semiconductors PMEG2005ET_10 Datasheet HTML 8Page - NXP Semiconductors PMEG2005ET_10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PMEGXX05ET_SER_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2010
2 of 12
NXP Semiconductors
PMEGxx05ET series
0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
2.
Pinning information
3.
Ordering information
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
0.5
A
VR
reverse voltage
PMEG2005ET
-
-
20
V
PMEG3005ET
-
-
30
V
PMEG4005ET
-
-
40
V
VF
forward voltage
IF = 500 mA
[1]
PMEG2005ET
-
355
390
mV
PMEG3005ET
-
380
430
mV
PMEG4005ET
-
420
470
mV
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1
anode
2
not connected
3
cathode
12
3
mlc357
2
n.c.
1
3
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PMEG2005ET
-
plastic surface mounted package; 3 leads
SOT23
PMEG3005ET
-
plastic surface mounted package; 3 leads
SOT23
PMEG4005ET
-
plastic surface mounted package; 3 leads
SOT23


Similar Part No. - PMEG2005ET_10

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2005ET-Q NEXPERIA-PMEG2005ET-Q Datasheet
196Kb / 9P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
14 February 2022
More results

Similar Description - PMEG2005ET_10

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEGXX05ET_SER NEXPERIA-PMEGXX05ET_SER Datasheet
720Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02 - 13 January 2010
logo
NXP Semiconductors
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEG3005EB NXP-PMEG3005EB Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
PMEGXX05EH NXP-PMEGXX05EH Datasheet
139Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-13 January 2010
PMEG3005EB PHILIPS-PMEG3005EB_15 Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EB NEXPERIA-PMEG3005EB Datasheet
182Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
logo
NXP Semiconductors
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com