Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT594 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHCT594
Description  8-bit shift register with output register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT594 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT594 Datasheet HTML 3Page - NXP Semiconductors 74AHCT594 Datasheet HTML 4Page - NXP Semiconductors 74AHCT594 Datasheet HTML 5Page - NXP Semiconductors 74AHCT594 Datasheet HTML 6Page - NXP Semiconductors 74AHCT594 Datasheet HTML 7Page - NXP Semiconductors 74AHCT594 Datasheet HTML 8Page - NXP Semiconductors 74AHCT594 Datasheet HTML 9Page - NXP Semiconductors 74AHCT594 Datasheet HTML 10Page - NXP Semiconductors 74AHCT594 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
74AHC_AHCT594_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 June 2008
7 of 22
NXP Semiconductors
74AHC594; 74AHCT594
8-bit shift register with output register
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
74AHC594
VCC
supply voltage
2.0
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 3.0 V to 3.6 V
-
-
100
ns/V
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
74AHCT594
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC594
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.80
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 50 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO = 8 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V


Similar Part No. - 74AHCT594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT594 PHILIPS-74AHCT594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Diodes Incorporated
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Nexperia B.V. All right...
74AHCT594 NEXPERIA-74AHCT594 Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHCT594-Q100 NEXPERIA-74AHCT594-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
logo
NXP Semiconductors
74AHCT594BQ PHILIPS-74AHCT594BQ Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
More results

Similar Description - 74AHCT594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com