Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGOFC0 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGOFC0
Description  870 MHz optical receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGOFC0 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGOFC0 Datasheet HTML 1Page - NXP Semiconductors BGOFC0 Datasheet HTML 2Page - NXP Semiconductors BGOFC0 Datasheet HTML 3Page - NXP Semiconductors BGOFC0 Datasheet HTML 4Page - NXP Semiconductors BGOFC0 Datasheet HTML 5Page - NXP Semiconductors BGOFC0 Datasheet HTML 6Page - NXP Semiconductors BGOFC0 Datasheet HTML 7Page - NXP Semiconductors BGOFC0 Datasheet HTML 8Page - NXP Semiconductors BGOFC0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
High dynamic range optical receiver amplifier modules in a standard SOT115 package
where the non-jacketed fiber has either no connector or has an FC/APC or SC/APC
connector.
The amplifier supply voltage pin and the photo diode bias voltage pin both connect to
24 V (DC).
The modules have a mono mode optical input suitable for 1290 nm to 1600 nm
wavelengths, a terminal to monitor the photo diode current and an electrical output having
a characteristic impedance of 75
.
1.2 Features and benefits
Excellent linearity
Low noise
Excellent flatness
Standard CATV outline
Rugged construction
Gold metallization ensures excellent reliability
High optical input power range.
1.3 Applications
CATV optical node systems operating in the 40 MHz to 870 MHz frequency range.
BGO807; BGO807/FC0;
BGO807/SC0
870 MHz optical receivers
Rev. 2 — 29 September 2010
Product data sheet
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.


Similar Part No. - BGOFC0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGOFC0 NXP-BGOFC0 Datasheet
313Kb / 11P
   870 MHz optical receivers
Rev. 5-29 September 2010
More results

Similar Description - BGOFC0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO827 NXP-BGO827_02 Datasheet
93Kb / 12P
   870 MHz optical receivers
2002 Dec 10
logo
Quanzhou Jinmei Electro...
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
   870 MHz optical receivers
Rev. 5-29 September 2010
logo
Quanzhou Jinmei Electro...
BGO807_2015 JMNIC-BGO807_2015 Datasheet
89Kb / 10P
   870 MHz optical receivers
BGO827_2015 JMNIC-BGO827_2015 Datasheet
93Kb / 12P
   870 MHz optical receivers
BGO827 JMNIC-BGO827_15 Datasheet
93Kb / 12P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
   870 MHz optical receivers
2004 Apr 07
BGO747 PHILIPS-BGO747 Datasheet
86Kb / 12P
   750 MHz optical receivers
2002 Dec 03
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
   870 MHz optical receiver with integrated gain control
2003 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com