Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBHV9040Z Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBHV9040Z
Description  500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBHV9040Z Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBHV9040Z Datasheet HTML 4Page - NXP Semiconductors PBHV9040Z Datasheet HTML 5Page - NXP Semiconductors PBHV9040Z Datasheet HTML 6Page - NXP Semiconductors PBHV9040Z Datasheet HTML 7Page - NXP Semiconductors PBHV9040Z Datasheet HTML 8Page - NXP Semiconductors PBHV9040Z Datasheet HTML 9Page - NXP Semiconductors PBHV9040Z Datasheet HTML 10Page - NXP Semiconductors PBHV9040Z Datasheet HTML 11Page - NXP Semiconductors PBHV9040Z Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PBHV9040Z_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2009
10 of 12
NXP Semiconductors
PBHV9040Z
500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
12. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PBHV9040Z_2
20090115
Product data sheet
-
PBHV9040Z_1
Modifications:
• Table 5: IBM value changed from −100 mA to −200 mA
• Table 7: toff value amended to 1800 ns
• Section 13 “Legal information”: updated
PBHV9040Z_1
20080219
Product data sheet
-
-


Similar Part No. - PBHV9040Z

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBHV9040Z NEXPERIA-PBHV9040Z Datasheet
252Kb / 13P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 02 - 15 January 2009
More results

Similar Description - PBHV9040Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV9040T NXP-PBHV9040T_09 Datasheet
125Kb / 12P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 02-15 January 2009
logo
Nexperia B.V. All right...
PBHV9040X NEXPERIA-PBHV9040X Datasheet
369Kb / 15P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBHV9040T NXP-PBHV9040T Datasheet
115Kb / 12P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 01-13 February 2008
logo
Nexperia B.V. All right...
PBHV9040Z NEXPERIA-PBHV9040Z Datasheet
252Kb / 13P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 02 - 15 January 2009
PBHV9040T-Q NEXPERIA-PBHV9040T-Q Datasheet
268Kb / 12P
   500 V, 0.25 A PNP high-voltage low VCEsat transistor
22 March 2022
PBHV9040T NEXPERIA-PBHV9040T Datasheet
285Kb / 12P
   500 V, 0.25 A PNP high-voltage low VCEsat transistor
1 January 2023
PBHV9540Z NEXPERIA-PBHV9540Z Datasheet
271Kb / 13P
   500 V, 0.5 A PNP high-voltage low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBHV9050T NXP-PBHV9050T Datasheet
97Kb / 12P
   500 V, 150 mA PNP high-voltage low VCEsat (BISS) transistor
Rev. 01-16 September 2009
logo
Nexperia B.V. All right...
PBHV9050Z NEXPERIA-PBHV9050Z Datasheet
459Kb / 14P
   500 V, 250 mA PNP high-voltage low VCEsat (BISS) transistor
PBHV9515QA NEXPERIA-PBHV9515QA Datasheet
731Kb / 17P
   150 V, 500 mA PNP high-voltage low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com