Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4104BT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4104BT
Description  Quad low-to-high voltage translator with 3-state outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4104BT Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4104BT Datasheet HTML 1Page - NXP Semiconductors HEF4104BT Datasheet HTML 2Page - NXP Semiconductors HEF4104BT Datasheet HTML 3Page - NXP Semiconductors HEF4104BT Datasheet HTML 4Page - NXP Semiconductors HEF4104BT Datasheet HTML 5Page - NXP Semiconductors HEF4104BT Datasheet HTML 6Page - NXP Semiconductors HEF4104BT Datasheet HTML 7Page - NXP Semiconductors HEF4104BT Datasheet HTML 8Page - NXP Semiconductors HEF4104BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HEF4104B_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 16 December 2009
4 of 14
NXP Semiconductors
HEF4104B
Quad low-to-high voltage translator with 3-state outputs
8.
Limiting values
[1]
IDD is the combined current of IDD(A) and IDD(B).
[2]
For DIP16 packages: above Tamb = 70 °C, Ptot derates linearly at 12 mW/K.
[3]
For SO16 packages: above Tamb = 70 °C, Ptot derates linearly at 8 mW/K.
9.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(A)
supply voltage A
port A; VDD(A) ≤ VDD(B)
−0.5
+18
V
VDD(B)
supply voltage B
port B; VDD(B) ≥ VDD(A)
−0.5
+18
V
IIK
input clamping current
VI < −0.5 V or VI >VDD(A) + 0.5 V
-
±10
mA
VI
input voltage
−0.5
VDD(A) + 0.5 V
IOK
output clamping current
VO < −0.5 V or VO >VDD(B) + 0.5 V
-
±10
mA
II/O
input/output current
-
±10
mA
IDD
supply current
[1] -50
mA
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C
Ptot
total power dissipation
Tamb = −40 °C to +85 °C
DIP16
[2] -
750
mW
SO16
[3] -
500
mW
P
power dissipation
per output
-
100
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(A)
supply voltage A
3
-
≤ V
DD(B)
V
VDD(B)
supply voltage B
≥ V
DD(A)
-15
V
VI
input voltage
0
-
VDD(A)
V
Tamb
ambient temperature
in free air
−40
-
+85
°C
Δt/ΔV
input transition rise and fall rate
VDD(A) = 5 V
--3.75
μs/V
VDD(A) = 10 V
--0.5
μs/V
VDD(A) = 15 V
--0.08
μs/V


Similar Part No. - HEF4104BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4104BT PHILIPS-HEF4104BT Datasheet
68Kb / 5P
   Quadruple low to high voltage translator with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF4104BT NEXPERIA-HEF4104BT Datasheet
226Kb / 12P
   Quad low-to-high voltage translator with 3-state outputs
Rev. 10 - 14 December 2021
More results

Similar Description - HEF4104BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4104B-Q100 NEXPERIA-HEF4104B-Q100 Datasheet
693Kb / 14P
   Quad low-to-high voltage translator with 3-state outputs
HEF4104B NEXPERIA-HEF4104B Datasheet
226Kb / 12P
   Quad low-to-high voltage translator with 3-state outputs
Rev. 10 - 14 December 2021
logo
NXP Semiconductors
HEF4104B PHILIPS-HEF4104B Datasheet
68Kb / 5P
   Quadruple low to high voltage translator with 3-state outputs
January 1995
logo
Fairchild Semiconductor
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com