Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4104BT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEF4104BT
Description  Quad low-to-high voltage translator with 3-state outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4104BT Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF4104BT Datasheet HTML 1Page - NXP Semiconductors HEF4104BT Datasheet HTML 2Page - NXP Semiconductors HEF4104BT Datasheet HTML 3Page - NXP Semiconductors HEF4104BT Datasheet HTML 4Page - NXP Semiconductors HEF4104BT Datasheet HTML 5Page - NXP Semiconductors HEF4104BT Datasheet HTML 6Page - NXP Semiconductors HEF4104BT Datasheet HTML 7Page - NXP Semiconductors HEF4104BT Datasheet HTML 8Page - NXP Semiconductors HEF4104BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HEF4104B_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 16 December 2009
2 of 14
NXP Semiconductors
HEF4104B
Quad low-to-high voltage translator with 3-state outputs
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
All types operate from
40 °C to +85 °C.
Type number
Package
Name
Description
Version
HEF4104BP
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
HEF4104BT
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag262
B3
14
B3
13
B2
9
B2
10
B1
7
B1
6
B0
2
B0
A0
LEVEL
CONVERTER
3
4
A1
5
A2
11
A3
12
OE
VSS
15
8
VDD(A)
16
VDD(B)
1
001aag264
VDD(A)
VDD(B)
LEVEL
CONVERTER
A0
B0
B0
LEVEL
CONVERTER
A1
B1
B1
LEVEL
CONVERTER
A2
B2
B2
LEVEL
CONVERTER
A3
B3
B3
LEVEL
CONVERTER
OE


Similar Part No. - HEF4104BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4104BT PHILIPS-HEF4104BT Datasheet
68Kb / 5P
   Quadruple low to high voltage translator with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF4104BT NEXPERIA-HEF4104BT Datasheet
226Kb / 12P
   Quad low-to-high voltage translator with 3-state outputs
Rev. 10 - 14 December 2021
More results

Similar Description - HEF4104BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4104B-Q100 NEXPERIA-HEF4104B-Q100 Datasheet
693Kb / 14P
   Quad low-to-high voltage translator with 3-state outputs
HEF4104B NEXPERIA-HEF4104B Datasheet
226Kb / 12P
   Quad low-to-high voltage translator with 3-state outputs
Rev. 10 - 14 December 2021
logo
NXP Semiconductors
HEF4104B PHILIPS-HEF4104B Datasheet
68Kb / 5P
   Quadruple low to high voltage translator with 3-state outputs
January 1995
logo
Fairchild Semiconductor
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125 Datasheet
87Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com