Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4094BT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4094BT
Description  8-stage shift-and-store register
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4094BT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4094BT Datasheet HTML 4Page - NXP Semiconductors HEF4094BT Datasheet HTML 5Page - NXP Semiconductors HEF4094BT Datasheet HTML 6Page - NXP Semiconductors HEF4094BT Datasheet HTML 7Page - NXP Semiconductors HEF4094BT Datasheet HTML 8Page - NXP Semiconductors HEF4094BT Datasheet HTML 9Page - NXP Semiconductors HEF4094BT Datasheet HTML 10Page - NXP Semiconductors HEF4094BT Datasheet HTML 11Page - NXP Semiconductors HEF4094BT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
HEF4094B_8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 2 April 2010
8 of 19
NXP Semiconductors
HEF4094B
8-stage shift-and-store register
[1]
The typical values of the propagation delay and transition times are calculated from the extrapolation formulas shown (CL in pF).
tPLZ
LOW to OFF-state
propagation delay
OE to QPn;
see Figure 8
5 V
-
80
160
ns
10 V
-
40
80
ns
15 V
-
30
60
ns
tsu
set-up time
D to CP;
see Figure 9
5 V
60
30
-
ns
10 V
20
10
-
ns
15 V
15
5
-
ns
th
hold time
D to CP;
see Figure 9
5 V
+5
−15
-
ns
10 V
20
5
-
ns
15 V
20
5
-
ns
tW
pulse width
minimum LOW
clock pulse;
see Figure 6
5 V
60
30
-
ns
10 V
30
15
-
ns
15 V
24
12
-
ns
minimum HIGH
strobe pulse;
see Figure 7
5 V
40
20
-
ns
10 V
30
15
-
ns
15 V
24
12
-
ns
fmax
maximum frequency
see Figure 6
5 V
5
10
-
MHz
10 V
11
22
-
MHz
15 V
14
28
-
MHz
Table 7.
Dynamic characteristics …continued
VSS = 0 V; Tamb = 25 °C; for test circuit see Figure 10; unless otherwise specified.
Symbol
Parameter
Conditions
VDD
Extrapolation formula
Min
Typ
Max
Unit
Table 8.
Dynamic power dissipation
VSS = 0 V; tr = tf 20 ns; Tamb = 25 °C.
Symbol
Parameter
VDD
Typical formula for PD (μW)
where:
PD
dynamic power
dissipation
5 V
PD = 2100 × fi + Σ(fo × CL) × VDD2
fi = input frequency in MHz,
fo = output frequency in MHz,
CL = output load capacitance in pF,
VDD = supply voltage in V,
Σ(f
o × CL) = sum of the outputs.
10 V
PD = 9700 × fi + Σ(fo × CL) × VDD2
15 V
PD = 26000 × fi + Σ(fo × CL) × VDD2


Similar Part No. - HEF4094BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094BT PHILIPS-HEF4094BT Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
HEF4094BT NXP-HEF4094BT Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
HEF4094BT NXP-HEF4094BT Datasheet
204Kb / 20P
   8-stage shift-and-store register Rev. 11 ??29 August 2013
Rev. 11-29 August 2013
HEF4094BT PHILIPS-HEF4094BT Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
logo
Nexperia B.V. All right...
HEF4094BT NEXPERIA-HEF4094BT Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
More results

Similar Description - HEF4094BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
logo
Nexperia B.V. All right...
HEF4094B-Q100 NEXPERIA-HEF4094B-Q100 Datasheet
251Kb / 16P
   8-stage shift-and-store register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com