Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK135-50L Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK135-50L
Description  Logic level TOPFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK135-50L Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK135-50L Datasheet HTML 3Page - NXP Semiconductors BUK135-50L Datasheet HTML 4Page - NXP Semiconductors BUK135-50L Datasheet HTML 5Page - NXP Semiconductors BUK135-50L Datasheet HTML 6Page - NXP Semiconductors BUK135-50L Datasheet HTML 7Page - NXP Semiconductors BUK135-50L Datasheet HTML 8Page - NXP Semiconductors BUK135-50L Datasheet HTML 9Page - NXP Semiconductors BUK135-50L Datasheet HTML 10Page - NXP Semiconductors BUK135-50L Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product Specification
Logic level TOPFET
BUK135-50L
SMD version of BUK124-50L
Fig.8. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25˚C = f(Tj); ID = 10 A; VIS = 4.4 V
Fig.9. Typical on-state resistance, T
j = 25˚C. RDS(ON)
= f(V
IS); conditions: ID = 10 A; VPS = 4 V; tp = 300 µs
Fig.10. Typical transfer characteristics, T
j = 25˚C.
I
D = f(VIS); conditions: VPS ≥ 4 V tp = 300 µs
Fig.11. Typical overtemperature protection threshold.
T
j(TO) = f(VPS); conditions: VIS = 5 V
Fig.12. Typical drain source leakage current.
I
DSS = f(Tj); conditions: VDS = 40 V; VPS = VIS = 0 V
Fig.13. Typical DC input characteristics, T
j = 25˚C.
I
IS & IISL = f(VIS); normal operation & protection latched
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
0
50
100
150
Normalised R DS(ON) = f(Tj)
a
Tj /
OC
Tj (TO)
OC
150
160
170
180
190
200
345678
BUK135-50L
VPS / V
Data below 4V is for
information only. All
spec. values are for
normal operation at
4V and above.
0
10
20
30
40
50
012345678
VIS / V
RDS(ON) / mOhm
BUK135-50L
typ.
max.
1E-9
10E-9
100E-9
1E-6
10E-6
100E-6
-50
0
50
100
150
max.
typ.
IDSS / A
BUK135-50L
Tj /
OC
y
0
10
20
30
40
50
60
70
80
012345678
VIS / V
ID / A
BUK135-50L
VDS = 13V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01234567
Latched
Unlatched
IIS / mA
BUK135-50L
VIS / V
July 2002
7
Rev 1.100


Similar Part No. - BUK135-50L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK130-50DL PHILIPS-BUK130-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK119-50DL
May 2001-Rev 1.900
BUK136-50L PHILIPS-BUK136-50L Datasheet
44Kb / 7P
   Logic level TOPFET SMD version of BUK125-50L
July 2002-Rev 1.000
BUK138 PHILIPS-BUK138 Datasheet
44Kb / 6P
   Logic level TOPFET D-PAK version of BUK117-50DL
May 2001-Rev 1.300
BUK138-50DL PHILIPS-BUK138-50DL Datasheet
44Kb / 6P
   Logic level TOPFET D-PAK version of BUK117-50DL
May 2001-Rev 1.300
logo
Nexperia B.V. All right...
BUK138-50DL NEXPERIA-BUK138-50DL Datasheet
162Kb / 7P
   Logic level TOPFET D-PAK version of BUK117-50DL
May 2001 Rev 1.300
More results

Similar Description - BUK135-50L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3119-P PHILIPS-PIP3119-P Datasheet
31Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
logo
Guangdong Kexin Industr...
KUK129-50DL KEXIN-KUK129-50DL Datasheet
58Kb / 2P
   Logic level TOPFET
logo
NXP Semiconductors
BUK114-50L NXP-BUK114-50L Datasheet
119Kb / 13P
   Logic level TOPFET
September 1996 Rev 1.000
PIP3115-B PHILIPS-PIP3115-B Datasheet
30Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
PIP3102-R PHILIPS-PIP3102-R Datasheet
162Kb / 13P
   LOGIC LEVEL TOPFET
October 2002-Rev 1.000
PIP3105-P PHILIPS-PIP3105-P Datasheet
33Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
BUK119-50DL PHILIPS-BUK119-50DL Datasheet
47Kb / 6P
   Logic level TOPFET
May 2001-Rev 1.900
PIP3117-B PHILIPS-PIP3117-B Datasheet
30Kb / 6P
   Logic level TOPFET
May 2001 Rev 1.000
PIP3107-D PHILIPS-PIP3107-D Datasheet
39Kb / 6P
   Logic level TOPFET
October 2001-Rev 1.000
logo
Guangdong Kexin Industr...
KUK130-50DL KEXIN-KUK130-50DL Datasheet
56Kb / 2P
   Logic level TOPFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com