Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS303PZ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBSS303PZ
Description  30 V, 5.3 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS303PZ Datasheet(HTML) 1 Page - NXP Semiconductors

  PBSS303PZ Datasheet HTML 1Page - NXP Semiconductors PBSS303PZ Datasheet HTML 2Page - NXP Semiconductors PBSS303PZ Datasheet HTML 3Page - NXP Semiconductors PBSS303PZ Datasheet HTML 4Page - NXP Semiconductors PBSS303PZ Datasheet HTML 5Page - NXP Semiconductors PBSS303PZ Datasheet HTML 6Page - NXP Semiconductors PBSS303PZ Datasheet HTML 7Page - NXP Semiconductors PBSS303PZ Datasheet HTML 8Page - NXP Semiconductors PBSS303PZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
PNP low VCEsat Breakthrough In Small Signal (BISS) transistor in a SOT223 (SC-73)
small Surface-Mounted Device (SMD) plastic package.
NPN complement: PBSS303NZ.
1.2 Features
Low collector-emitter saturation voltage VCEsat
High collector current capability IC and ICM
High collector current gain (hFE) at high IC
High efficiency due to less heat generation
Smaller required Printed-Circuit Board (PCB) area than for conventional transistors
1.3 Applications
DC-to-DC conversion
MOSFET gate driving
Motor control
Charging circuits
Power switches (e.g. motors, fans)
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
PBSS303PZ
30 V, 5.3 A PNP low VCEsat (BISS) transistor
Rev. 02 — 20 November 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−30
V
IC
collector current
-
-
−5.3
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
--
−10.6
A
RCEsat
collector-emitter
saturation resistance
IC = −4A;
IB = −200 mA
[1] -36
53
m
Ω


Similar Part No. - PBSS303PZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS303PZ NEXPERIA-PBSS303PZ Datasheet
285Kb / 15P
   30 V, 5.3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
More results

Similar Description - PBSS303PZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS303PZ NEXPERIA-PBSS303PZ Datasheet
285Kb / 15P
   30 V, 5.3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
logo
NXP Semiconductors
PBSS301PX NXP-PBSS301PX Datasheet
196Kb / 15P
   12 V, 5.3 A PNP low VCEsat (BISS) transistor
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
PBSS301PX NEXPERIA-PBSS301PX Datasheet
310Kb / 16P
   12 V, 5.3 A PNP low VCEsat (BISS) transistor
Rev. 02 - 17 November 2009
logo
NXP Semiconductors
PBSS301NX NXP-PBSS301NX Datasheet
197Kb / 15P
   12 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
PBSS301NX NEXPERIA-PBSS301NX Datasheet
310Kb / 16P
   12 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 November 2009
PBSS302NX NEXPERIA-PBSS302NX Datasheet
310Kb / 16P
   20 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
logo
NXP Semiconductors
PBSS302NX NXP-PBSS302NX Datasheet
197Kb / 15P
   20 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com