Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS303PX Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS303PX
Description  30 V, 5.1 A PNP low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS303PX Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSS303PX Datasheet HTML 3Page - NXP Semiconductors PBSS303PX Datasheet HTML 4Page - NXP Semiconductors PBSS303PX Datasheet HTML 5Page - NXP Semiconductors PBSS303PX Datasheet HTML 6Page - NXP Semiconductors PBSS303PX Datasheet HTML 7Page - NXP Semiconductors PBSS303PX Datasheet HTML 8Page - NXP Semiconductors PBSS303PX Datasheet HTML 9Page - NXP Semiconductors PBSS303PX Datasheet HTML 10Page - NXP Semiconductors PBSS303PX Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PBSS303PX_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 November 2009
7 of 15
NXP Semiconductors
PBSS303PX
30 V, 5.1 A PNP low VCEsat (BISS) transistor
VCE = −2V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 5.
DC current gain as a function of collector
current; typical values
Fig 6.
Collector current as a function of
collector-emitter voltage; typical values
VCE = −2V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 7.
Base-emitter voltage as a function of collector
current; typical values
Fig 8.
Base-emitter saturation voltage as a function
of collector current; typical values
006aaa596
400
600
200
800
1000
hFE
0
IC (mA)
−10−1
−104
−103
−1
−102
−10
(3)
(2)
(1)
006aaa604
VCE (V)
0
−5
−4
−2
−3
−1
−6
−8
−4
−2
−10
−12
−14
IC
(A)
0
−30
−135
−120
−105
−90
−75
−60
−45
−15
IB (mA) =
−150
006aaa597
−0.4
−0.8
−1.2
VBE
(V)
0
IC (mA)
−10−1
−104
−103
−1
−102
−10
(3)
(2)
(1)
006aaa600
−0.4
−0.8
−1.2
VBEsat
(V)
0
IC (mA)
−10−1
−104
−103
−1
−102
−10
(3)
(2)
(1)


Similar Part No. - PBSS303PX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS303PX NEXPERIA-PBSS303PX Datasheet
310Kb / 16P
   30 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
More results

Similar Description - PBSS303PX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS303PX NEXPERIA-PBSS303PX Datasheet
310Kb / 16P
   30 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
PBSS303NX NEXPERIA-PBSS303NX Datasheet
310Kb / 16P
   30 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
logo
NXP Semiconductors
PBSS303NX PHILIPS-PBSS303NX Datasheet
132Kb / 15P
   30 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 01-23 August 2006
logo
Nexperia B.V. All right...
PBSS302PX NEXPERIA-PBSS302PX Datasheet
310Kb / 16P
   20 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
logo
NXP Semiconductors
PBSS302PX NXP-PBSS302PX Datasheet
197Kb / 15P
   20 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
logo
Nexperia B.V. All right...
PBSS306NZ NEXPERIA-PBSS306NZ Datasheet
308Kb / 15P
   100 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS305NZ NEXPERIA-PBSS305NZ Datasheet
308Kb / 15P
   80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS306NZ NXP-PBSS306NZ Datasheet
194Kb / 14P
   100 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS305NZ NXP-PBSS305NZ Datasheet
194Kb / 14P
   80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com