Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK952R4-40C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK952R4-40C
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK952R4-40C Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK952R4-40C Datasheet HTML 1Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 2Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 3Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 4Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 5Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 6Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 7Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 8Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BUK952R4-40C_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 11 April 2008
5 of 13
NXP Semiconductors
BUK952R4-40C
N-channel TrenchMOS logic level FET
5.
Thermal characteristics
6.
Characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
vertical in free air
-
60
-
K/W
Rth(j-mb)
thermal resistance
from junction to
mounting base
see Figure 5
-
-
0.45
K/W
Fig 5.
Transient thermal impedance from junction to mounting base as a function of pulse duration
003aab020
tp (s)
10−6
10−1
1
10−2
10−3
10−5
10−4
10−1
10−2
1
Zth(j-mb)
(K/W)
10−3
tp
tp
T
P
t
T
δ =
single shot
0.02
0.05
0.1
0.2
δ = 0.5
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 μA; VGS =0V;
Tj =25 °C
40
-
-
V
ID =250 μA; VGS =0V;
Tj =-55 °C
36
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj =25 °C;
see Figure 9 and 10
11.5
2V
ID =1mA; VDS = VGS;
Tj =-55 °C; see Figure 9
--
2.3
V
ID =1mA; VDS = VGS;
Tj = 175 °C; see Figure 9
0.5
-
-
V
IDSS
drain leakage current
VDS =40V; VGS =0V;
Tj = 175 °C
--
500
μA
VDS =40V; VGS =0V; Tj =25 °C
-
0.02
1
μA


Similar Part No. - BUK952R4-40C

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK952R3-40E NEXPERIA-BUK952R3-40E Datasheet
337Kb / 14P
   N-channel TrenchMOS logic level FET
BUK952R8-30B NEXPERIA-BUK952R8-30B Datasheet
351Kb / 15P
   N-channel TrenchMOS logic level FET
logo
Inchange Semiconductor ...
BUK952R8-30B ISC-BUK952R8-30B Datasheet
355Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK952R8-30B PHILIPS-BUK952R8-30B_15 Datasheet
236Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 3-8 February 2011
BUK952R8-60E PHILIPS-BUK952R8-60E Datasheet
221Kb / 13P
   N-channel TrenchMOS logic level FET
11 September 2012
More results

Similar Description - BUK952R4-40C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com