Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4160U Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBSS4160U
Description  60 V, 1 A NPN low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4160U Datasheet(HTML) 2 Page - NXP Semiconductors

  PBSS4160U Datasheet HTML 1Page - NXP Semiconductors PBSS4160U Datasheet HTML 2Page - NXP Semiconductors PBSS4160U Datasheet HTML 3Page - NXP Semiconductors PBSS4160U Datasheet HTML 4Page - NXP Semiconductors PBSS4160U Datasheet HTML 5Page - NXP Semiconductors PBSS4160U Datasheet HTML 6Page - NXP Semiconductors PBSS4160U Datasheet HTML 7Page - NXP Semiconductors PBSS4160U Datasheet HTML 8Page - NXP Semiconductors PBSS4160U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PBSS4160U_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 11 December 2009
2 of 14
NXP Semiconductors
PBSS4160U
60 V, 1 A NPN low VCEsat (BISS) transistor
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1base
2emitter
3
collector
12
3
sym021
3
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PBSS4160U
SC-70
plastic surface mounted package; 3 leads
SOT323
Table 4.
Marking codes
Type number
Marking code[1]
PBSS4160U
52*


Similar Part No. - PBSS4160U

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4160U NEXPERIA-PBSS4160U Datasheet
324Kb / 15P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
logo
NXP Semiconductors
PBSS4160U PHILIPS-PBSS4160U_15 Datasheet
211Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
More results

Similar Description - PBSS4160U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
   60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160V PHILIPS-PBSS4160V_15 Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160V NXP-PBSS4160V Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
logo
Nexperia B.V. All right...
PBSS4160QA NEXPERIA-PBSS4160QA Datasheet
744Kb / 17P
   60 V, 1 A NPN low VCEsat (BISS) transistor
23 August 2013
PBSS4160U NEXPERIA-PBSS4160U Datasheet
324Kb / 15P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
PBSS4160V NEXPERIA-PBSS4160V Datasheet
251Kb / 12P
   60 V, 1 A NPN low VCEsat (BISS) transistor
28 December 2022
logo
NXP Semiconductors
PBSS4160V PHILIPS-PBSS4160V Datasheet
101Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-31 January 2005
PBSS4160QA NXP-PBSS4160QA Datasheet
266Kb / 17P
   60 V, 1 A NPN low VCEsat (BISS) transistor
23 August 2013
logo
Nexperia B.V. All right...
PBSS4160X NEXPERIA-PBSS4160X Datasheet
221Kb / 12P
   60 V, 1 A NPN low VCEsat BISS transistor
logo
NXP Semiconductors
PBSS4160U PHILIPS-PBSS4160U_15 Datasheet
211Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com