Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9240-100A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9240-100A
Description  TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9240-100A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9240-100A Datasheet HTML 2Page - NXP Semiconductors BUK9240-100A Datasheet HTML 3Page - NXP Semiconductors BUK9240-100A Datasheet HTML 4Page - NXP Semiconductors BUK9240-100A Datasheet HTML 5Page - NXP Semiconductors BUK9240-100A Datasheet HTML 6Page - NXP Semiconductors BUK9240-100A Datasheet HTML 7Page - NXP Semiconductors BUK9240-100A Datasheet HTML 8Page - NXP Semiconductors BUK9240-100A Datasheet HTML 9Page - NXP Semiconductors BUK9240-100A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
BUK9240-100A
TrenchMOS™ logic level FET
Product specification
Rev. 01 — 03 October 2000
6 of 13
9397 750 07573
© Philips Electronics N.V. 2000. All rights reserved.
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS =25A;VGS =0V;
Figure 15
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = −100 A/µs
VGS = −10 V; VDS =30V
60
ns
Qr
recovered charge
240
nC
Table 5:
Characteristics…continued
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tj =25 °CTj =25 °C; ID =25A
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
On-state resistance: typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03na66
0
20
40
60
80
100
120
024
68
10
VDS(V)
ID(A)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
5.0
VGS= 10 (V)
03na64
26
28
30
32
34
36
38
3456
789
10
VGS(V)
RDSon
(mOhm)
03na67
20
25
30
35
40
45
50
10
20
30
40
50
60
70
ID(A)
VGS= 3.0 (V)
3.2
3.4
3.6
4.0
5.0
RDSon
(mOhm)
03aa29
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-60
-20
20
60
100
140
180
T
j
(
o
C)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=


Similar Part No. - BUK9240-100A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK9240-100A ISC-BUK9240-100A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9240-100A NEXPERIA-BUK9240-100A Datasheet
967Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 15 June 2010
logo
NXP Semiconductors
BUK9240-100A PHILIPS-BUK9240-100A_15 Datasheet
355Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02-15 June 2010
More results

Similar Description - BUK9240-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com