Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89V51RD2BN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89V51RD2BN
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RD2BN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89V51RD2BN Datasheet HTML 4Page - NXP Semiconductors P89V51RD2BN Datasheet HTML 5Page - NXP Semiconductors P89V51RD2BN Datasheet HTML 6Page - NXP Semiconductors P89V51RD2BN Datasheet HTML 7Page - NXP Semiconductors P89V51RD2BN Datasheet HTML 8Page - NXP Semiconductors P89V51RD2BN Datasheet HTML 9Page - NXP Semiconductors P89V51RD2BN Datasheet HTML 10Page - NXP Semiconductors P89V51RD2BN Datasheet HTML 11Page - NXP Semiconductors P89V51RD2BN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
8 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
P2.5/A13
26
23
29
I/O
P2.5 — Port 2 bit 5.
O
A13 — Address bit 13.
P2.6/A14
27
24
30
I/O
P2.6 — Port 2 bit 6.
O
A14 — Address bit 14.
P2.7/A15
28
25
31
I/O
P2.7 — Port 2 bit 7.
O
A15 — Address bit 15.
P3.0 to P3.7
I/O with
internal
pull-up
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal
pull-ups. Port 3 pins are pulled HIGH by the internal
pull-ups when ‘1’s are written to them and can be used as
inputs in this state. As inputs, Port 3 pins that are
externally pulled LOW will source current (IIL) because of
the internal pull-ups. Port 3 also receives some control
signals and a partial of high-order address bits during the
external host mode programming and verification.
P3.0/RXD
10
5
11
I
P3.0 — Port 3 bit 0.
I
RXD — Serial input port.
P3.1/TXD
11
7
13
O
P3.1 — Port 3 bit 1.
O
TXD — Serial output port.
P3.2/INT0
12
8
14
I
P3.2 — Port 3 bit 2.
I
INT0 — External interrupt 0 input.
P3.3/INT1
13
9
15
I
P3.3 — Port 3 bit 3.
I
INT1 — External interrupt 1 input.
P3.4/T0
14
10
16
I/O
P3.4 — Port 3 bit 4.
I
T0 — External count input to Timer/counter 0.
P3.5/T1
15
11
17
I/O
P3.5 — Port 3 bit 5.
I
T1 — External count input to Timer/counter 1.
P3.6/WR
16
12
18
O
P3.6 — Port 3 bit 6.
O
WR — External data memory write strobe.
P3.7/RD
17
13
19
O
P3.7 — Port 3 bit 7.
O
RD — External data memory read strobe.
PSEN
29
26
32
I/O
Program Store Enable: PSEN is the read strobe for
external program memory. When the device is executing
from internal program memory, PSEN is inactive (HIGH).
When the device is executing code from external program
memory, PSEN is activated twice each machine cycle,
except that two PSEN activations are skipped during each
access to external data memory. A forced HIGH-to-LOW
input transition on the PSEN pin while the RST input is
continually held HIGH for more than 10 machine cycles will
cause the device to enter external host mode
programming.
Table 3.
P89V51RB2/RC2/RD2 pin description …continued
Symbol
Pin
Type
Description
DIP40
TQFP44
PLCC44


Similar Part No. - P89V51RD2BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V51RD2BN PHILIPS-P89V51RD2BN Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89V51RD2BN PHILIPS-P89V51RD2BN Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RD2BN NXP-P89V51RD2BN Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
More results

Similar Description - P89V51RD2BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com