Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9606-75B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9606-75B
Description  TrenchMOS logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9606-75B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9606-75B Datasheet HTML 2Page - NXP Semiconductors BUK9606-75B Datasheet HTML 3Page - NXP Semiconductors BUK9606-75B Datasheet HTML 4Page - NXP Semiconductors BUK9606-75B Datasheet HTML 5Page - NXP Semiconductors BUK9606-75B Datasheet HTML 6Page - NXP Semiconductors BUK9606-75B Datasheet HTML 7Page - NXP Semiconductors BUK9606-75B Datasheet HTML 8Page - NXP Semiconductors BUK9606-75B Datasheet HTML 9Page - NXP Semiconductors BUK9606-75B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Philips Semiconductors
BUK95/9606-75B
TrenchMOS™ logic level FET
Product data
Rev. 02 — 30 September 2002
6 of 15
9397 750 10279
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS = 40 A; VGS =0V;
Figure 15
-
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = −100 A/µs
VGS = −10 V; VDS =30V
-68
-
ns
Qr
recovered charge
-
176
-
nC
Table 4:
Characteristics…continued
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - BUK9606-75B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK9606-75B ISC-BUK9606-75B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9606-75B NEXPERIA-BUK9606-75B Datasheet
937Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 4 - 20 July 2011
logo
NXP Semiconductors
BUK9606-75B PHILIPS-BUK9606-75B_15 Datasheet
221Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 4-20 July 2011
More results

Similar Description - BUK9606-75B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com