Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV028AQMA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV028AQMA
Description  Automotive LVDS Dual Differential Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV028AQMA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90LV028AQMA Datasheet HTML 1Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 2Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 3Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 4Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 5Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 6Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 7Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 8Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Applications Information
General application guidelines and hints for LVDS drivers and
receivers may be found in the following application notes:
LVDS Owner's Manual (lit #550062-003), AN-808, AN-977,
AN-971, AN-916, AN-805, AN-903.
LVDS drivers and receivers are intended to be primarily used
in an uncomplicated point-to-point configuration as is shown
in Figure 3. This configuration provides a clean signaling en-
vironment for the fast edge rates of the drivers. The receiver
is connected to the driver through a balanced media which
may be a standard twisted pair cable, a parallel pair cable, or
simply PCB traces. Typically the characteristic impedance of
the media is in the range of 100
Ω. A termination resistor of
100
Ω should be selected to match the media, and is located
as close to the receiver input pins as possible. The termination
resistor converts the driver output (current mode) into a volt-
age that is detected by the receiver. Other configurations are
possible such as a multi-receiver configuration, but the effects
of a mid-stream connector(s), cable stub(s), and other
impedance discontinuities as well as ground shifting, noise
margin limits, and total termination loading must be taken into
account.
The DS90LV028AQ differential line receiver is capable of de-
tecting signals as low as 100 mV, over a ±1V common-mode
range centered around +1.2V. This is related to the driver off-
set voltage which is typically +1.2V. The driven signal is
centered around this voltage and may shift ±1V around this
center point. The ±1V shifting may be the result of a ground
potential difference between the driver's ground reference
and the receiver's ground reference, the common-mode ef-
fects of coupled noise, or a combination of the two. The AC
parameters of both receiver input pins are optimized for a
recommended operating input voltage range of 0V to +2.4V
(measured from each pin to ground). The device will operate
for receiver input voltages up to V
CC, but exceeding VCC will
turn on the ESD protection circuitry which will clamp the bus
voltages.
POWER DECOUPLING RECOMMENDATIONS
Bypass capacitors must be used on power pins. Use high fre-
quency ceramic (surface mount is recommended) 0.1
μF and
0.01
μF capacitors in parallel at the power supply pin with the
smallest value capacitor closest to the device supply pin. Ad-
ditional scattered capacitors over the printed circuit board will
improve decoupling. Multiple vias should be used to connect
the decoupling capacitors to the power planes. A 10
μF (35V)
or greater solid tantalum capacitor should be connected at the
power entry point on the printed circuit board between the
supply and ground.
PC BOARD CONSIDERATIONS
Use at least 4 PCB board layers (top to bottom): LVDS sig-
nals, ground, power, TTL signals.
Isolate TTL signals from LVDS signals, otherwise the TTL
signals may couple onto the LVDS lines. It is best to put TTL
and LVDS signals on different layers which are isolated by a
power/ground plane(s).
Keep drivers and receivers as close to the (LVDS port side)
connectors as possible.
DIFFERENTIAL TRACES
Use controlled impedance traces which match the differential
impedance of your transmission medium (ie. cable) and ter-
mination resistor. Run the differential pair trace lines as close
together as possible as soon as they leave the IC (stubs
should be < 10mm long). This will help eliminate reflections
and ensure noise is coupled as common-mode. In fact, we
have seen that differential signals which are 1mm apart radi-
ate far less noise than traces 3mm apart since magnetic field
cancellation is much better with the closer traces. In addition,
noise induced on the differential lines is much more likely to
appear as common-mode which is rejected by the receiver.
Match electrical lengths between traces to reduce skew.
Skew between the signals of a pair means a phase difference
between signals which destroys the magnetic field cancella-
tion benefits of differential signals and EMI will result! (Note
that the velocity of propagation, v = c/E
r where c (the speed
of light) = 0.2997mm/ps or 0.0118 in/ps). Do not rely solely on
the autoroute function for differential traces. Carefully review
dimensions to match differential impedance and provide iso-
lation for the differential lines. Minimize the number of vias
and other discontinuities on the line.
Avoid 90° turns (these cause impedance discontinuities). Use
arcs or 45° bevels.
Within a pair of traces, the distance between the two traces
should be minimized to maintain common-mode rejection of
the receivers. On the printed circuit board, this distance
should remain constant to avoid discontinuities in differential
impedance. Minor violations at connection points are allow-
able.
TERMINATION
Use a termination resistor which best matches the differential
impedance or your transmission line. The resistor should be
between 90
Ω and 130Ω. Remember that the current mode
outputs need the termination resistor to generate the differ-
ential voltage. LVDS will not work correctly without resistor
termination. Typically, connecting a single resistor across the
pair at the receiver end will suffice.
Surface mount 1% - 2% resistors are the best. PCB stubs,
component lead, and the distance from the termination to the
receiver inputs should be minimized. The distance between
the termination resistor and the receiver should be < 10mm
(12mm MAX).
INPUT FAILSAFE BIASING
External pull up and pull down resistors may be used to pro-
vide enough of an offset to enable an input failsafe under
open-circuit conditions. This configuration ties the positive
LVDS input pin to VDD thru a pull up resistor and the negative
LVDS input pin is tied to GND by a pull down resistor. The pull
up and pull down resistors should be in the 5k
Ω to 15kΩ range
to minimize loading and waveform distortion to the driver. The
common-mode bias point ideally should be set to approxi-
mately 1.2V (less than 1.75V) to be compatible with the
internal circuitry. Please refer to application note AN-1194,
“Failsafe Biasing of LVDS Interfaces” for more information.
PROBING LVDS TRANSMISSION LINES
Always use high impedance (> 100k
Ω), low capacitance
(< 2 pF) scope probes with a wide bandwidth (1 GHz) scope.
Improper probing will give deceiving results.
CABLES AND CONNECTORS, GENERAL COMMENTS
When choosing cable and connectors for LVDS it is important
to remember:
Use controlled impedance media. The cables and connectors
you use should have a matched differential impedance of
about 100
Ω. They should not introduce major impedance dis-
continuities.
Balanced cables (e.g. twisted pair) are usually better than
unbalanced cables (ribbon cable, simple coax) for noise re-
www.national.com
4


Similar Part No. - DS90LV028AQMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028AQMA/NOPB TI1-DS90LV028AQMA/NOPB Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQMA/NOPB TI1-DS90LV028AQMA/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQMA/NOPB TI1-DS90LV028AQMA/NOPB Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQMAX/NOPB TI1-DS90LV028AQMAX/NOPB Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQMAX/NOPB TI1-DS90LV028AQMAX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
More results

Similar Description - DS90LV028AQMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
[Old version datasheet]   Automotive LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
logo
Texas Instruments
DS90LV028A-Q1 TI-DS90LV028A-Q1 Datasheet
884Kb / 20P
[Old version datasheet]   DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1_V01 Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com