Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38511 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38511
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38511 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP38511_09 Datasheet HTML 2Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 3Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 4Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 5Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 6Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 7Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 8Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 9Page - National Semiconductor (TI) LP38511_09 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
V
OUT vs VEN (td(ON))
20182932
V
OUT vs VEN (td(OFF))
20182930
V
OUT ERROR Flag Threshold vs Temperature
20182917
ERROR Flag Low vs Temperature
20182918
Load regulation vs Temperature
20182920
Line Regulation vs Temperature
20182921
www.national.com
6


Similar Part No. - LP38511_09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI-LP38511-ADJ Datasheet
1Mb / 21P
[Old version datasheet]   LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ TI1-LP38511-ADJ Datasheet
1Mb / 21P
[Old version datasheet]   LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ TI1-LP38511-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results

Similar Description - LP38511_09

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com