Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS91M125TMA Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS91M125TMA
Description  125 MHz 1:4 M-LVDS Repeater with LVDS Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS91M125TMA Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS91M125TMA Datasheet HTML 1Page - National Semiconductor (TI) DS91M125TMA Datasheet HTML 2Page - National Semiconductor (TI) DS91M125TMA Datasheet HTML 3Page - National Semiconductor (TI) DS91M125TMA Datasheet HTML 4Page - National Semiconductor (TI) DS91M125TMA Datasheet HTML 5Page - National Semiconductor (TI) DS91M125TMA Datasheet HTML 6Page - National Semiconductor (TI) DS91M125TMA Datasheet HTML 7Page - National Semiconductor (TI) DS91M125TMA Datasheet HTML 8Page - National Semiconductor (TI) DS91M125TMA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 11, Note 12, Note 18)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER AC SPECIFICATION
t
PLH
Differential Propagation Delay Low to High
R
L = 50Ω, CL = 5 pF,
3.0
5.5
8.5
ns
t
PHL
Differential Propagation Delay High to Low
C
D = 0.5 pF
3.0
5.5
8.5
ns
t
SKD1 (tsk(p))
Pulse Skew |t
PLHD − tPHLD| (Note 14, Note
19)
Figures 6, 7
65
350
ps
t
SKD2
Channel-to-Channel Skew (Note 15, Note
19)
65
400
ps
t
SKD3
Part-to-Part Skew (Note 16, Note 19)
2.2
2.5
ns
t
SKD4
Part-to-Part Skew (Note 17)
5.5
ns
t
TLH (tr)
Rise Time (Note 19)
1.1
2.0
3.0
ns
t
THL (tf)
Fall Time (Note 19)
1.1
2.0
3.0
ns
t
PZH
Enable Time (Z to Active High)
R
L = 50Ω, CL = 5 pF,
6
11
ns
t
PZL
Enable Time (Z to Active Low )
C
D = 0.5 pF
6
11
ns
t
PLZ
Disable Time (Active Low to Z)
Figures 8, 9
6
11
ns
t
PHZ
Disable Time (Active High to Z)
6
11
ns
f
MAX
Maximum Operating Frequency (Note 19)
125
MHz
Note 11: The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes.
Note 12: Typical values represent most likely parametric norms for V
DD = +3.3V and TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not guaranteed.
Note 13: Specification is guaranteed by characterization and is not tested in production.
Note 14: t
SKD1, |tPLHD − tPHLD|, is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge of
the same channel.
Note 15: t
SKD2, Channel-to-Channel Skew, is the difference in propagation delay (tPLHD or tPHLD) among all output channels.
Note 16: t
SKD3, Part-to-Part Skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This specification
applies to devices at the same V
DD and within 5°C of each other within the operating temperature range.
Note 17: t
SKD4, Part-to-Part Skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices over
recommended operating temperature and voltage ranges, and across process distribution. t
SKD4 is defined as |Max − Min| differential propagation delay.
Note 18: C
L includes fixture capacitance and CD includes probe capacitance.
Note 19: Specification is guaranteed by characterization and is not tested in production.
5
www.national.com


Similar Part No. - DS91M125TMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS91M125TMA/NOPB TI1-DS91M125TMA/NOPB Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M125TMAX/NOPB TI1-DS91M125TMAX/NOPB Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results

Similar Description - DS91M125TMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
[Old version datasheet]   DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
50171 TI-50171 Datasheet
415Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Transceiver
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
   125 MHz Quad M-LVDS Transceiver
logo
Texas Instruments
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com