Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49722 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LME49722
Description  Low Noise, High Performance, High Fidelity Dual Audio Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LME49722 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LME49722 Datasheet HTML 1Page - National Semiconductor (TI) LME49722 Datasheet HTML 2Page - National Semiconductor (TI) LME49722 Datasheet HTML 3Page - National Semiconductor (TI) LME49722 Datasheet HTML 4Page - National Semiconductor (TI) LME49722 Datasheet HTML 5Page - National Semiconductor (TI) LME49722 Datasheet HTML 6Page - National Semiconductor (TI) LME49722 Datasheet HTML 7Page - National Semiconductor (TI) LME49722 Datasheet HTML 8Page - National Semiconductor (TI) LME49722 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Symbol
Parameter
Conditions
LME49722
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
IN-CM
Common-Mode Input Voltage
Range
V
S = ±15V
+14.0
–13.9
(V
CC) – 2.0
(V
EE) + 2.0
V (min)
V (min)
V
S = ±18V
+17.0
–16.9
(V
CC) – 2.0
(V
EE) + 2.0
V (min)
V (min)
CMRR
Common-Mode Rejection
–10V
V
CM 10V
128
110
dB (min)
Z
IN
Differential Input Impedance
30
k
Z
CM
Common Mode Input Impedance
–10V
V
CM 10V
1000
M
A
VOL
Open Loop Voltage Gain
–12V
V
OUT 12V, RL = 600Ω
–12V
V
OUT 12V, RL = 2kΩ
–12V
V
OUT 12V, RL = 10kΩ
135
140
140
120
dB
dB
dB
V
OM
Output Voltage Swing
V
S = ±15V
R
L = 600Ω
R
L = 2kΩ
R
L = 10kΩ
+13.7/–14
±14.0
±14.1
V
PEAK
V
PEAK
V
PEAK
V
S = ±18V
R
L = 600Ω
R
L = 2kΩ
R
L = 10kΩ
+16.6/–16.8
±17.0
±17.1
±15.5
V
PEAK (min)
V
PEAK
V
PEAK
I
OUT
Output Current
R
L = 600Ω
V
S = ±15V
V
S = ±18V
±23
±27.6/–28
±23
mA
mA (min)
I
OUT-CC
Short Circuit Current
Sink to Source
+43
–40
mA
mA
Z
OUT
Output Impedance
f
IN = 10kHz
Closed-Loop
Open-Loop
0.01
13
I
S
Total Quiescent Power Supply
Current
I
OUT = 0mA
V
S = ±15V
V
S = ±18V
12.1
12.3
16
mA
mA (max)
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of device reliability
and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or other conditions beyond those indicated in
the Recommended Operating Conditions is not implied. The Recommended Operating Conditions indicate conditions at which the device is functional and the
device should not be operated beyond such conditions. All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not guaranteed.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by T
JMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is P
DMAX = (TJMAX - TA) / θJA or the number given inAbsolute Maximum Ratings, whichever is lower. For the LME49722, TJMAX = 150°
C and the typical
θ
JC is 27°C/W.
Note 4: Human body model, applicable std. JESD22-A114C.
Note 5: Machine model, applicable std. JESD22-A115-A.
Note 6: Typical values represent most likely parametric norms at T
A = +25°C, and at the Recommended Operation Conditions at the time of product
characterization and are not guaranteed.
Note 7: Datasheet min/max specification limits are guaranteed by test or statistical analysis.
Note 8: PSRR is measured as follow: V
OS is measured at two supply voltages, ±5V and ±15V. PSRR = | 20log(ΔVOS/ΔVS) |.
www.national.com
4


Similar Part No. - LME49722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LME49722MA/NOPB TI1-LME49722MA/NOPB Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LME49722MAX/NOPB TI1-LME49722MAX/NOPB Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
More results

Similar Description - LME49722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com