Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC11C125CISQ Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC11C125CISQ
Description  11-Bit, 125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC11C125CISQ Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC11C125CISQ Datasheet HTML 6Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 7Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 8Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 9Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 10Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 11Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 12Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 13Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Note 13: Optimum performance will be obtained by keeping the reference input in the 0.9V to 1.1V range. The LM4051CIM3-ADJ (SOT-23 package) is
recommended for external reference applications.
Note 14: I
DR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins, the supply voltage,
V
DR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 x f0 + C1 x f1 +....C11 x f11) where VDR is the output driver power
supply voltage, C
n is total capacitance on the output pin, and fn is the average frequency at which that pin is toggling.
Note 15: This test parameter is guaranteed by design and characterization.
www.national.com
10


Similar Part No. - ADC11C125CISQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC11C125CISQ TI1-ADC11C125CISQ Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC11C125CISQ/NOPB TI1-ADC11C125CISQ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results

Similar Description - ADC11C125CISQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC11C170 NSC-ADC11C170 Datasheet
420Kb / 22P
   11-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS outputs
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12C170 NSC-ADC12C170 Datasheet
488Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170_14 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_09 Datasheet
622Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_08 Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com