Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2966MX3325EP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2966MX3325EP
Description  Enhanced Plastic Dual 150mA Ultra Low-Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2966MX3325EP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2966MX3325EP Datasheet HTML 1Page - National Semiconductor (TI) LP2966MX3325EP Datasheet HTML 2Page - National Semiconductor (TI) LP2966MX3325EP Datasheet HTML 3Page - National Semiconductor (TI) LP2966MX3325EP Datasheet HTML 4Page - National Semiconductor (TI) LP2966MX3325EP Datasheet HTML 5Page - National Semiconductor (TI) LP2966MX3325EP Datasheet HTML 6Page - National Semiconductor (TI) LP2966MX3325EP Datasheet HTML 7Page - National Semiconductor (TI) LP2966MX3325EP Datasheet HTML 8Page - National Semiconductor (TI) LP2966MX3325EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP2966EP
Enhanced Plastic Dual 150mA Ultra Low-Dropout
Regulator
General Description
The LP2966EP dual ultra low-dropout (LDO) regulator oper-
ates from a +2.70V to +7.0V input supply. Each output
delivers 150mA over full temperature range. The IC operates
with extremely low drop-out voltage and quiescent current,
which makes it very suitable for battery powered and por-
table applications. Each LDO in the LP2966EP has indepen-
dent shutdown capability. The LP2966EP provides low noise
performance with low ground pin current in an extremely
small MSOP-8 package (refer to package dimensions and
connection diagram for more information on MSOP-8 pack-
age). A wide range of preset voltage options are available for
each output. In addition to the voltage combinations listed in
the ordering information table, many more are available
upon request with minimum orders. In all, 256 voltage com-
binations are possible.
ENHANCED PLASTIC
Extended Temperature Performance of −40˚C to +125˚C
Baseline Control - Single Fab & Assembly Site
Process Change Notification (PCN)
Qualification & Reliability Data
Solder (PbSn) Lead Finish is standard
Enhanced Diminishing Manufacturing Sources (DMS)
Support
Key Specifications
Dropout Voltage: Varies linearly with load current. Typically
0.9 mV at 1mA load current and 135mV at 150mA load
current.
Ground Pin Current: Typically 300µA at 1mA load current
and 340µA at 100mA load current (with one shutdown pin
pulled low).
Shutdown Mode: Less than 1µA quiescent current when
both shutdown pins are pulled low.
Error Flag: Open drain output, goes low when the corre-
sponding output drops 10% below nominal.
Precision Output Voltage: Multiple output voltage options
available ranging from 1.8V to 5.0V with a guaranteed accu-
racy of ±1% at room temperature.
Features
n
Ultra low drop-out voltage
n
Low ground pin current
n <
1µA quiescent current in shutdown mode
n
Independent shutdown of each LDO regulator
n
Output voltage accuracy ±1%
n
Guaranteed 150mA output current at each output
n
Low output noise
n
Error Flags indicate status of each output
n
Available in MSOP-8 surface mount packages
n
Low output capacitor requirements (1µF)
n
Operates with Low ESR ceramic capacitors in most
applications
n
Over temperature/over current protection
Applications
n
GPS systems
n
Selected Military Applications
n
Selected Avionics Applications
Ordering Information
PART NUMBER
VID PART NUMBER
NS PACKAGE NUMBER (Note 3)
LP2966MX3325EP
V62/04638-01
MUA08A
(Note 1) (Note 2)
TBD
TBD
Note 1: For the following (Enhanced Plastic) versions, check for availability: LP2966MM1818EP, LP2966MM1828EP, LP2966MM1830EP,
LP2966MM1833EP,
LP2966MM2518EP,
LP2966MM2525EP,
LP2966MM2828EP,
LP2966MM2830EP,
LP2966MM3030EP,
LP2966MM3325EP,
LP2966MM3333EP,
LP2966MM3336EP,
LP2966MM3636EP,
LP2966MM5050EP,
LP2966MX1818EP,
LP2966MX1828EP,
LP2966MX1830EP,
LP2966MX1833EP,
LP2966MX2518EP,
LP2966MX2525EP,
LP2966MX2828EP,
LP2966MX2830EP,
LP2966MX3030EP,
LP2966MX3333EP,
LP2966MX3336EP, LP2966MX3636EP, LP2966MX5050EP. Parts listed with an "X" are provided in Tape & Reel and parts without an "X" are in Rails.
Note 2: FOR ADDITIONAL ORDERING AND PRODUCT INFORMATION, PLEASE VISIT THE ENHANCED PLASTIC WEB SITE AT: www.national.com/
mil
Note 3: Refer to package details under Physical Dimensions
May 2004
© 2004 National Semiconductor Corporation
DS200993
www.national.com


Similar Part No. - LP2966MX3325EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966 TI-LP2966 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI-LP2966 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
National Semiconductor ...
LP2966IMM-1818 NSC-LP2966IMM-1818 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
LP2966IMM-1833 NSC-LP2966IMM-1833 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
More results

Similar Description - LP2966MX3325EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_11 Datasheet
191Kb / 7P
   150mA Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com