Electronic Components Datasheet Search |
|
LM5041AMTCX Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM5041AMTCX Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 16 page Connection Diagram 20137802 16-Lead TSSOP, LLP Ordering Information Order Number Package Type NSC Package Drawing Supplied As LM5041AMTC TSSOP-16 MTC-16 92 Units per anti-static tube LM5041AMTCX TSSOP-16 MTC-16 2500 Units on Tape and Reel LM5041ASD LLP-16 SDA-16A 1000 Units on Tape and Reel LM5041ASDX LLP-16 SDA-16A 4500 Units on Tape and Reel Pin Description PIN NAME DESCRIPTION APPLICATION INFORMATION 1V IN Source Input Voltage Input to start-up regulator. Input range 15V to 100V. 2 FB Feedback Signal Inverting input for the internal error amplifier. The non-inverting input is connected to a 0.75V reference. 3 COMP Output of the Internal Error Amplifier There is an internal 5k Ω resistor pull-up on this pin. The error amplifier provides an active sink. 4 REF Precision 5 volt reference output Maximum output current: 10mA. Locally decouple with a 0.1µF capacitor. Reference stays low until the line UV and the V CC UV are satisfied. 5 HD Main Buck PWM control output Buck switch PWM control output. The maximum duty cycle clamp for this output corresponds to an off time of typically 240ns per cycle. The LM5101 or LM5102 Buck stage gate driver can be used to level shift and drive the Buck switch. 6 LD Sync Switch control output Sync Switch control output. Inversion of HD output. The LM5101 or LM5102 lower drive can be used to drive the synchronous rectifier switch. 7V CC Output from the internal high voltage start-up regulator. Regulated to 9 volts. If an auxiliary winding raises the voltage on this pin above the regulation setpoint, the internal start-up regulator will shutdown, reducing the IC power dissipation. 8 PUSH Output of the push-pull drivers Output of the push-pull gate driver. Output capability of 1.5A peak . www.national.com 2 |
Similar Part No. - LM5041AMTCX |
|
Similar Description - LM5041AMTCX |