Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QLX4600LIQT7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # QLX4600LIQT7
Description  Quad Lane Extender
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

QLX4600LIQT7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button QLX4600LIQT7 Datasheet HTML 4Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 5Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 6Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 7Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 8Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 9Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 10Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 11Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
FN6981.1
November 19, 2009
Typical Performance Characteristics
VDD = 1.2V, TA = +25°C, unless otherwise noted. Performance was characterized using the system testbed shown in
Figure 1. Unless otherwise noted, the transmitter generated a non-return-to-zero (NRZ) PRBS-7 sequence at 800mVP-P
(differential) with 10ps of peak-to-peak deterministic jitter. This transmit signal was launched into twin-axial cable test
channels of varying gauges and lengths. The loss characteristics of these test channels are plotted as a function of
frequency in Figure 2. The received signal at the output of these test channels was then processed by the QLx4600-SL30
before being passed to a receiver. Eye diagram measurements were made with 4000 waveform acquisitions and include
random jitter.
FIGURE 1. DEVICE CHARACTERIZATION TEST SETUP
FIGURE 2. TWIN-AXIAL CABLE LOSS AS A FUNCTION OF FREQUENCY FOR VARIOUS TEST CHANNELS
FIGURE 3A. JITTER vs CABLE LENGTH, 5Gb/s
FIGURE 3B. JITTER vs BOOST SETTING, 5Gb/s
FIGURE 3. JITTER VS CABLE LENGTH AND JITTER VS BOOST SETTING AT 5 GBPS
Pattern
Generator
SMA
Adapter
Card
100O Twin-Axial
Cable
SMA
Adapter
Card
QLx4600-SL30
Eval Board
Oscilloscope
Ω
TEST CHANNEL LOSS CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
4
8
12
16
20
24
28
Boost Setting
Cable A (24AWG 20m)
Cable B (30AWG 12m)
Cable C (28AWG 20m)
QLx4600-SL30


Similar Part No. - QLX4600LIQT7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QLX4600LIQT7 RENESAS-QLX4600LIQT7 Datasheet
1Mb / 23P
   Quad Lane Extender
More results

Similar Description - QLX4600LIQT7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
   Quad Lane Extender
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
logo
Intersil Corporation
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com