Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T83-A150X Datasheet(PDF) 1 Page - EPCOS

Part # T83-A150X
Description  SURGE ARRESTER 3-electrode arrester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T83-A150X Datasheet(HTML) 1 Page - EPCOS

  T83-A150X Datasheet HTML 1Page - EPCOS T83-A150X Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surge Arrester
T83-A150X
3-Electrode-Arrester
Ordering code: B88069X9590B502
AB E / AB PM
Issue 03, 23.05.2002
Page 1 of 2
DC spark-over voltage
1) 2) 4)
150
± 20
V
%
Impulse spark-over voltage
4)
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 450
< 400
< 550
< 500
V
V
V
V
Nominal impulse discharge current (wave 8/20 µs)
5)
Single impulse discharge current
(wave 8/20 µs)
5)
10
12,5
kA
kA
Nominal alternating discharge current (50 Hz, 1 s)
5)
Alternating discharge current (50 Hz, 9 cycles)
5)
10
40
A
A
Insulation resistance at 100 Vdc
4)
>10
G
Capacitance at 1 MHz
4)
<1.5
pF
Transverse delay time
3)
<0.2
µs
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~10
~1.0
~60
V
A
V
Weight
~ 2
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, red
150 YY O
150
- Nominal voltage
YY
- Year of production
O- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
3)
Test according to ITU-T Rec. K.12
4)
Tip or ring electrode to center electrode
5)
Total current through center electrode, half value through
tip respectively ring electrode.
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845


Similar Part No. - T83-A150X

ManufacturerPart #DatasheetDescription
logo
EPCOS
T83-A150XF1 EPCOS-T83-A150XF1 Datasheet
30Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T83-A150X

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X4030T902 EPCOS-B88069X4030T902 Datasheet
70Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8630 EPCOS-B88069X8630 Datasheet
67Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9420B502 EPCOS-B88069X9420B502 Datasheet
66Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X3280B502 EPCOS-B88069X3280B502 Datasheet
57Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9360B502 EPCOS-B88069X9360B502 Datasheet
49Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X9580B202 EPCOS-B88069X9580B202 Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X6990B102 EPCOS-B88069X6990B102 Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X2331T902 EPCOS-B88069X2331T902 Datasheet
69Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8160B502 EPCOS-B88069X8160B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X3070C203 EPCOS-B88069X3070C203 Datasheet
54Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8220B502 EPCOS-B88069X8220B502 Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com