Electronic Components Datasheet Search |
|
T85-A230XF1 Datasheet(PDF) 1 Page - EPCOS |
|
T85-A230XF1 Datasheet(HTML) 1 Page - EPCOS |
1 / 2 page Surge Arrester T85-A230XF1 3-Electrode-Arrester Ordering code: B88069X9720B502 AB E / AB PM Issue 04, 23.05.2002 Page 1 of 2 DC spark-over voltage 1) 2) 4) 230 ± 20 V % Impulse spark-over voltage 4) at 100 V/µs - for 99 % of measured values - typical values of distribution at 1 kV/µs - for 99 % of measured values - typical values of distribution < 450 < 400 < 650 < 600 V V V V Nominal impulse discharge current (wave 8/20 µs) 5) Single impulse discharge current (wave 8/20 µs) 5) 10 15 kA kA Nominal alternating discharge current (50 Hz, 1 s) 5) Alternating discharge current (50 Hz, 9 cycles) 5) 10 40 A A Insulation resistance at 100 Vdc 4) >10 G Ω Capacitance at 1 MHz 4) <1.5 pF Transverse delay time 3) <0.2 µs Arc voltage at 1 A Glow to arc transition current Glow voltage ~35 ~1 ~ 200 V A V Weight ~ 2.2 g Storage temperature -40 ... +90 °C Climatic category (IEC 60068-1) 40/ 90 /21 Marking, red 230 YY O 230 - Nominal voltage YY - Year of production O- Non radioactive 1) At delivery AQL 0.65 level II, DIN ISO 2859 2) In ionized mode 3) Test according to ITU-T Rec. K.12 4) Tip or ring electrode to center electrode 5) Total current through center electrode, half value through tip respectively ring electrode. Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845 |
Similar Part No. - T85-A230XF1 |
|
Similar Description - T85-A230XF1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |