Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T83-A260XF4 Datasheet(PDF) 3 Page - EPCOS

Part # T83-A260XF4
Description  SURGE ARRESTER 3-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T83-A260XF4 Datasheet(HTML) 3 Page - EPCOS

  T83-A260XF4 Datasheet HTML 1Page - EPCOS T83-A260XF4 Datasheet HTML 2Page - EPCOS T83-A260XF4 Datasheet HTML 3Page - EPCOS T83-A260XF4 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surge arrester
B88069X8250B502
3-electrode arrester
T83-A260XF4
KB AB E / KB AB PM
Issue 03 / 2008-04-02
Please read Cautions and warnings and
Page 3 of 4
Important notes at the end of this document.
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
3)
Test according to ITU-T Rec. K.12
4)
Tip or ring electrode to center electrode
5)
Total current through center electrode, half value through
tip respectively ring electrode.
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845
The arrester failsafe mechanism contains a solder pellet with a melting
temperature range from 193 to 203 °C.
Dimensional Drawing
Cautions and warnings
The short-circuit spring does not trigger until 190 °C is reached depending on the material. Care
must be taken to limit the thermal radiation onto adjacent parts to safe values.
Depending on the incorporation position, the surge arrester may have to be additionally secured
by mechanical means.
Surge arresters must not be operated directly in power supply networks.
Surge arresters may become hot in case of longer periods of current stress (danger of burning).
Surge arresters may be used only within their specified values. In case of overload, the head
contacts may fail or the component may be destroyed.
Damaged surge arresters must not be re-used.
Surge arrester with triggered short-circuit mechanisms must not be re-used.
Not to scale
Dimensions in mm
Non controlled document


Similar Part No. - T83-A260XF4

ManufacturerPart #DatasheetDescription
logo
EPCOS
T83-A260X EPCOS-T83-A260X Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T83-A260XF4

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X4030T902 EPCOS-B88069X4030T902 Datasheet
70Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8630 EPCOS-B88069X8630 Datasheet
67Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9420B502 EPCOS-B88069X9420B502 Datasheet
66Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X3280B502 EPCOS-B88069X3280B502 Datasheet
57Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9360B502 EPCOS-B88069X9360B502 Datasheet
49Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X9580B202 EPCOS-B88069X9580B202 Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X6990B102 EPCOS-B88069X6990B102 Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X2331T902 EPCOS-B88069X2331T902 Datasheet
69Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8160B502 EPCOS-B88069X8160B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X3070C203 EPCOS-B88069X3070C203 Datasheet
54Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8220B502 EPCOS-B88069X8220B502 Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com